Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 123Page - Infineon Technologies AG C164SL Datasheet HTML 124Page - Infineon Technologies AG C164SL Datasheet HTML 125Page - Infineon Technologies AG C164SL Datasheet HTML 126Page - Infineon Technologies AG C164SL Datasheet HTML 127Page - Infineon Technologies AG C164SL Datasheet HTML 128Page - Infineon Technologies AG C164SL Datasheet HTML 129Page - Infineon Technologies AG C164SL Datasheet HTML 130Page - Infineon Technologies AG C164SL Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 484 page
background image
C164CI/C164SI
Derivatives
Clock Generation
User’s Manual
6-1
V3.1, 2002-02
6
Clock Generation
All activities of the C164CI’s controller hardware and its on-chip peripherals are
controlled via the system clock signal
fCPU.
This reference clock is generated in three stages, as shown in Figure 6-1:
• Oscillator
• Frequency Control
• Clock Drivers
Oscillator
The on-chip Pierce oscillator can run with an external crystal and appropriate oscillator
circuitry or it can be driven by an external oscillator or another clock source.
Frequency Control
The input clock signal feeds the controller hardware:
• Directly, providing phase coupled operation on input frequency which is not too high
• Divided by 2 to obtain 50% duty cycle clock signal
• Via an on-chip Phase Locked Loop (PLL) providing maximum performance on low
input frequency
• Via the Slow Down Divider (SDD) to reduce power consumption.
The resulting internal clock signal is referred to as “CPU clock”
fCPU.
Clock Drivers
The CPU clock is distributed via separate clock drivers which feed the CPU and two
groups of peripheral modules. The Real Time Clock is fed with the prescaled oscillator
clock (
fRTC) via a separate clock driver, so it is not affected by the clock control functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com