Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 31Page - Lattice Semiconductor LFEC10 Datasheet HTML 32Page - Lattice Semiconductor LFEC10 Datasheet HTML 33Page - Lattice Semiconductor LFEC10 Datasheet HTML 34Page - Lattice Semiconductor LFEC10 Datasheet HTML 35Page - Lattice Semiconductor LFEC10 Datasheet HTML 36Page - Lattice Semiconductor LFEC10 Datasheet HTML 37Page - Lattice Semiconductor LFEC10 Datasheet HTML 38Page - Lattice Semiconductor LFEC10 Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 163 page
background image
2-32
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
be shifted in and loaded directly onto test nodes, or test data to be captured and shifted out for verification. The test
access port consists of dedicated I/Os: TDI, TDO, TCK and TMS. The test access port has its own supply voltage
VCCJ and can operate with LVCMOS3.3, 2.5, 1.8, 1.5 and 1.2 standards.
For more details on boundary scan test, please see information regarding additional technical documentation at
the end of this data sheet.
Device Configuration
All LatticeECP/EC devices contain two possible ports that can be used for device configuration. The test access
port (TAP), which supports bit-wide configuration, and the sysCONFIG port that supports both byte-wide and serial
configuration.
The TAP supports both the IEEE Std. 1149.1 Boundary Scan specification and the IEEE Std. 1532 In-System Con-
figuration specification. The sysCONFIG port is a 20-pin interface with six of the I/Os used as dedicated pins and
the rest being dual-use pins (please refer to TN1053 for more information about using the dual-use pins as general
purpose I/O). There are four configuration options for LatticeECP/EC devices:
1.
Industry standard SPI memories.
2.
Industry standard byte wide flash and ispMACH 4000 for control/addressing.
3.
Configuration from system microprocessor via the configuration bus or TAP.
4.
Industry standard FPGA board memory.
On power-up, the FPGA SRAM is ready to be configured with the sysCONFIG port active. The IEEE 1149.1 serial
mode can be activated any time after power-up by sending the appropriate command through the TAP port. Once a
configuration port is selected, that port is locked and another configuration port cannot be activated until the next
power-up sequence.
For more information about device configuration, please see the list of technical documentation at the end of this
data sheet.
Internal Logic Analyzer Capability (ispTRACY)
All LatticeECP/EC devices support an internal logic analyzer diagnostic feature. The diagnostic features provide
capabilities similar to an external logic analyzer, such as programmable event and trigger condition and deep trace
memory. This feature is enabled by Lattice’s ispTRACY. The ispTRACY utility is added into the user design at com-
pile time.
For more information about ispTRACY, please see information regarding additional technical documentation at the
end of this data sheet.
External Resistor
LatticeECP/EC devices require a single external, 10K ohm +/- 1% value between the XRES pin and ground.
Device configuration will not be completed if this resistor is missing. There is no boundary scan register on the
external resistor pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com