Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 12Page - Lattice Semiconductor LFEC10 Datasheet HTML 13Page - Lattice Semiconductor LFEC10 Datasheet HTML 14Page - Lattice Semiconductor LFEC10 Datasheet HTML 15Page - Lattice Semiconductor LFEC10 Datasheet HTML 16Page - Lattice Semiconductor LFEC10 Datasheet HTML 17Page - Lattice Semiconductor LFEC10 Datasheet HTML 18Page - Lattice Semiconductor LFEC10 Datasheet HTML 19Page - Lattice Semiconductor LFEC10 Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 163 page
background image
2-13
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Memory Cascading
Larger and deeper blocks of RAM can be created using EBR sysMEM Blocks. Typically, the Lattice design tools
cascade memory transparently, based on specific design inputs.
Single, Dual and Pseudo-Dual Port Modes
Figure 2-15 shows the four basic memory configurations and their input/output names. In all the sysMEM RAM
modes the input data and address for the ports are registered at the input of the memory array. The output data of
the memory is optionally registered at the output.
Figure 2-15. sysMEM EBR Primitives
The EBR memory supports three forms of write behavior for single port or dual port operation:
1.
Normal – data on the output appears only during read cycle. During a write cycle, the data (at the current
address) does not appear on the output. This mode is supported for all data widths.
2.
Write Through – a copy of the input data appears at the output of the same port during a write cycle. This
mode is supported for all data widths.
3.
Read-Before-Write – when new data is being written, the old content of the address appears at the output.
This mode is supported for x9, x18 and x36 data widths.
Memory Core Reset
The memory array in the EBR utilizes latches at the A and B output ports. These latches can be reset asynchro-
nously or synchronously. RSTA and RSTB are local signals, which reset the output latches associated with Port A
and Port B, respectively. The Global Reset (GSRN) signal resets both ports. The output data latches and associ-
ated resets for both ports are as shown in Figure 2-16.
EBR
AD[12:0]
DI[35:0]
CLK
CE
RST
WE
CS[2:0]
DO[35:0]
Single Port RAM
EBR
True Dual Port RAM
Pseudo-Dual Port RAM
ROM
AD[12:0]
CLK
CE
DO[35:0]
RST
CS[2:0]
EBR
EBR
ADA[12:0]
DIA[17:0]
CLKA
CEA
RSTA
WEA
CSA[2:0]
DOA[17:0]
ADB[12:0]
DIB[17:0]
CLKB
CEB
RSTB
WEB
CSB[2:0]
DOB[17:0]
ADW[12:0]
DI[35:0]
CLKW
CEW
ADR[12:0]
DO[35:0]
CER
CLKR
WE
RST
CS[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com