Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 46 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 46 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 42Page - Lattice Semiconductor LFEC10 Datasheet HTML 43Page - Lattice Semiconductor LFEC10 Datasheet HTML 44Page - Lattice Semiconductor LFEC10 Datasheet HTML 45Page - Lattice Semiconductor LFEC10 Datasheet HTML 46Page - Lattice Semiconductor LFEC10 Datasheet HTML 47Page - Lattice Semiconductor LFEC10 Datasheet HTML 48Page - Lattice Semiconductor LFEC10 Datasheet HTML 49Page - Lattice Semiconductor LFEC10 Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 163 page
background image
3-10
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
LVPECL
The LatticeECP/EC devices support differential LVPECL standard. This standard is emulated using complemen-
tary LVCMOS outputs in conjunction with a parallel resistor across the driver outputs. The LVPECL input standard
is supported by the LVDS differential input buffer. The scheme shown in Figure 3-3 is one possible solution for
point-to-point signals.
Figure 3-3. Differential LVPECL
Table 3-3. LVPECL DC Conditions
1
Over Recommended Operating Conditions
For further information about LVPECL, BLVDS and other differential interfaces please see the list of technical infor-
mation at the end of this data sheet.
Parameter
Description
Typical
Units
ZOUT
Output impedance
100
ohm
RP
Driver parallel resistor
150
ohm
RT
Receiver termination
100
ohm
VOH
Output high voltage
2.03
V
VOL
Output low voltage
1.27
V
VOD
Output differential voltage
0.76
V
VCM
Output common mode voltage
1.65
V
ZBACK
Back impedance
85.7
ohm
IDC
DC output current
12.7
mA
1. For input buffer, see LVDS table.
Transmission line, Zo = 100 ohm differential
100 ohms
100 ohms
100 ohms
Off-chip
3.3V
3.3V
+
-
~150 ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com