Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 14Page - Lattice Semiconductor LFEC10 Datasheet HTML 15Page - Lattice Semiconductor LFEC10 Datasheet HTML 16Page - Lattice Semiconductor LFEC10 Datasheet HTML 17Page - Lattice Semiconductor LFEC10 Datasheet HTML 18Page - Lattice Semiconductor LFEC10 Datasheet HTML 19Page - Lattice Semiconductor LFEC10 Datasheet HTML 20Page - Lattice Semiconductor LFEC10 Datasheet HTML 21Page - Lattice Semiconductor LFEC10 Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 163 page
background image
2-15
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
decoders. These complex signal processing functions use similar building blocks such as multiply-adders and mul-
tiply-accumulators.
sysDSP Block Approach Compared to General DSP
Conventional general-purpose DSP chips typically contain one to four (Multiply and Accumulate) MAC units with
fixed data-width multipliers; this leads to limited parallelism and limited throughput. Their throughput is increased by
higher clock speeds. The LatticeECP, on the other hand, has many DSP blocks that support different data-widths.
This allows the designer to use highly parallel implementations of DSP functions. The designer can optimize the
DSP performance vs. area by choosing an appropriate level of parallelism. Figure 2-18 compares the serial and the
parallel implementations.
Figure 2-18. Comparison of General DSP and LatticeECP-DSP Approaches
sysDSP Block Capabilities
The sysDSP block in the LatticeECP-DSP family supports four functional elements in three 9, 18 and 36 data path
widths. The user selects a function element for a DSP block and then selects the width and type (signed/unsigned)
of its operands. The operands in the LatticeECP-DSP family sysDSP Blocks can be either signed or unsigned but
not mixed within a function element. Similarly, the operand widths cannot be mixed within a block.
The resources in each sysDSP block can be configured to support the following four elements:
• MULT
(Multiply)
• MAC
(Multiply, Accumulate)
• MULTADD
(Multiply, Addition/Subtraction)
• MULTADDSUM (Multiply, Addition/Subtraction, Accumulate)
The number of elements available in each block depends on the width selected from the three available options x9,
x18, and x36. A number of these elements are concatenated for highly parallel implementations of DSP functions.
Table 2-1 shows the capabilities of the block.
Multiplier 0
Operand
A
Operand
B
Operand
A
Operand
B
Operand
A
Operand
B
Multiplier 1
Multiplier
(k-1)
Accumulator
Output
m/k
loops
Single
Multiplier
x
xx
x
Operand
A
Accumulator
Operand
B
M loops
Function implemented in
General purpose DSP
Function implemented
in LatticeECP
Σ
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com