Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 72 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 72 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 68Page - Lattice Semiconductor LFEC10 Datasheet HTML 69Page - Lattice Semiconductor LFEC10 Datasheet HTML 70Page - Lattice Semiconductor LFEC10 Datasheet HTML 71Page - Lattice Semiconductor LFEC10 Datasheet HTML 72Page - Lattice Semiconductor LFEC10 Datasheet HTML 73Page - Lattice Semiconductor LFEC10 Datasheet HTML 74Page - Lattice Semiconductor LFEC10 Datasheet HTML 75Page - Lattice Semiconductor LFEC10 Datasheet HTML 76Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 163 page
background image
4-6
Pinout Information
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Power Supply and NC Connections
Signals
100 TQFP
144 TQFP
208 PQFP
256 fpBGA
VCC
12, 64
EC1, EC3: 13, 92, 99
ECP/EC6: 11, 13, 92, 99
EC1, EC3: 26, 128, 135
ECP/EC6: 24, 26, 128,
135
ECP/EC10: 5, 24, 26,
128, 135, 152
E12, E5, E8, M12, M5,
M9, F6, F11, L11, L6
VCCIO0
100
136, 143
EC1: 187, 208
EC3, ECP/EC6, ECP/
EC10: 187, 197, 208
F7, F8
VCCIO1
86
110, 125
157, 176
F9, F10
VCCIO2
73
108
EC1: 155
EC3, ECP/EC6, ECP/
EC10: 145, 155
G11, H11
VCCIO3
56
73, 84
106, 120
J11, K11
VCCIO4
38
55, 71
85, 104
L9, L10
VCCIO5
26
38, 44
EC1: 53, 74
EC2, ECP/EC6, ECP/
EC10: 53, 64, 74
L7, L8
VCCIO6
24
24, 36
37, 51
J6, K6
VCCIO7
2
1
EC1: 2
EC3, ECP/EC6, ECP/
EC10: 2, 13
G6, H6
VCCJ
18
19
32
L4
VCCAUX
37, 87
54, 126
EC1: 84, 177
EC3, ECP/EC6, ECP/
EC10: 22, 84, 136, 177
B15, R2
VCCPLL
—
—
—
—
GND, GND0-GND7
1, 14, 25, 35, 51, 68, 74,
89
EC1, EC3: 15, 28, 37,
52, 63, 72, 80, 96, 98,
109, 117, 128, 144
ECP/EC6: 12, 15, 28,
37, 52, 63, 72, 80, 96,
98, 109, 117, 128, 144
EC1: 1, 28, 41, 52, 82,
93, 105, 116, 132, 134,
156, 168, 179
EC3: 1, 28, 41, 52, 72,
82, 93, 105, 116, 132,
134, 138, 156, 168, 179,
189
ECP/EC6: 1, 18, 25, 28,
41, 52, 72, 82, 93, 105,
116, 132, 134, 138, 156,
168, 179, 189
ECP/EC10: 1, 6, 18, 25,
28, 41, 52, 72, 82, 93,
105, 116, 132, 134, 138,
151, 156, 168, 179, 189
A1, A16, G10, G7, G8,
G9, H10, H7, H8, H9,
J10, J7, J8, J9, K10, K7,
K8, K9, T1, T16
NC
—
EC1, EC3: 11, 12
ECP6/EC6: None
EC1: 5, 6, 7, 8, 9, 10, 11,
12, 13, 14, 18, 22, 24,
25, 54, 55, 56, 57, 58,
59, 60, 61, 62, 63, 64,
72, 103, 136, 138, 144,
145, 146, 147, 148, 149,
150, 151, 152, 158, 189,
197, 198, 199, 200, 201,
202, 203, 204, 205, 206,
207
EC3: 5, 6, 18, 24, 25,
103, 151, 152, 158
ECP/EC6: 5, 6, 151, 152
ECP/EC10: None
EC3: G5, H5, F2, F1, H4,
H3, G2, G1, J4, J3, J5,
K5, H2, H1, J2, J1, R12,
H16, H15, G16, G15,
K12, J12, J14, J15, F16,
F15, J13, H13, H14,
G14, E16, E15, B13, C13
ECP/EC10: None
ECP/EC15: None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com