Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 71 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 71 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 67Page - Lattice Semiconductor LFEC10 Datasheet HTML 68Page - Lattice Semiconductor LFEC10 Datasheet HTML 69Page - Lattice Semiconductor LFEC10 Datasheet HTML 70Page - Lattice Semiconductor LFEC10 Datasheet HTML 71Page - Lattice Semiconductor LFEC10 Datasheet HTML 72Page - Lattice Semiconductor LFEC10 Datasheet HTML 73Page - Lattice Semiconductor LFEC10 Datasheet HTML 74Page - Lattice Semiconductor LFEC10 Datasheet HTML 75Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 163 page
background image
4-5
Pinout Information
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Pin Information Summary (Cont.)
LFECP/EC15
LFECP20/EC20
LFECP/EC33
Pin Type
256-fpBGA
484-fpBGA
484-fpBGA
672-fpBGA
484-fpBGA
672-fpBGA
Single Ended User I/O
195
352
360
400
360
496
Differential Pair User I/O
97
176
180
200
180
248
Configuration
Dedicated
13
13
13
13
13
13
Muxed
56
56
56
56
56
56
TAP
555555
Dedicated (total without supplies)
208
373
373
509
373
509
VCC
10
20
20
32
16
28
VCCAUX
2
1212201220
VCCPLL
000044
VCCIO
Bank0
244646
Bank1
244646
Bank2
244646
Bank3
244646
Bank4
244646
Bank5
244646
Bank6
244646
Bank7
244646
GND, GND0-GND7
20
44
44
63
44
63
NC
0113963
0
Single Ended/
Differential I/O
Pair per Bank
Bank0
32/16
48/24
48/24
64/32
48/24
64/32
Bank1
18/9
48/24
48/24
48/24
48/24
64/32
Bank2
16/8
40/20
40/20
40/20
40/20
56/28
Bank3
32/16
40/20
44/22
48/24
44/22
64/32
Bank4
17/8
48/24
48/24
48/24
48/24
64/32
Bank5
32/16
48/24
48/24
64/32
48/24
64/32
Bank6
32/16
40/20
44/22
48/24
44/22
64/32
Bank7
16/8
40/20
40/20
40/20
40/20
56/28
VCCJ
111111
Note: During configuration the user-programmable I/Os are tri-stated with an internal pull-up resistor enabled. If any pin is not used (or not
bonded to a package pin), it is also tri-stated with an internal pull-up resistor enabled after configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com