Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 25 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 25 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 21Page - Lattice Semiconductor LFEC10 Datasheet HTML 22Page - Lattice Semiconductor LFEC10 Datasheet HTML 23Page - Lattice Semiconductor LFEC10 Datasheet HTML 24Page - Lattice Semiconductor LFEC10 Datasheet HTML 25Page - Lattice Semiconductor LFEC10 Datasheet HTML 26Page - Lattice Semiconductor LFEC10 Datasheet HTML 27Page - Lattice Semiconductor LFEC10 Datasheet HTML 28Page - Lattice Semiconductor LFEC10 Datasheet HTML 29Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 163 page
background image
2-22
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Table 2-12. PIO Signal List
Figure 2-25. DQS Routing
PIO
The PIO contains four blocks: an input register block, output register block, tristate register block and a control logic
block. These blocks contain registers for both single data rate (SDR) and double data rate (DDR) operation along
with the necessary clock and selection logic. Programmable delay lines used to shift incoming clock and data sig-
nals are also included in these blocks.
Name
Type
Description
CE0, CE1
Control from the core
Clock enables for input and output block FFs.
CLK0, CLK1
Control from the core
System clocks for input and output blocks.
LSR
Control from the core
Local Set/Reset.
GSRN
Control from routing
Global Set/Reset (active low).
INCK
Input to the core
Input to Primary Clock Network or PLL reference inputs.
DQS
Input to PIO
DQS signal from logic (routing) to PIO.
INDD
Input to the core
Unregistered data input to core.
INFF
Input to the core
Registered input on positive edge of the clock (CLK0).
IPOS0, IPOS1
Input to the core
DDRX registered inputs to the core.
ONEG0
Control from the core
Output signals from the core for SDR and DDR operation.
OPOS0,
Control from the core
Output signals from the core for DDR operation
OPOS1 ONEG1
Tristate control from the core
Signals to Tristate Register block for DDR operation.
TD
Tristate control from the core
Tristate signal from the core used in SDR operation.
DDRCLKPOL
Control from clock polarity bus
Controls the polarity of the clock (CLK0) that feed the DDR input block.
PIO A
PIO B
PADA "T"
PADB "C"
PIO B
PIO A
PIO B
PIO A
Assigned
DQS Pin
DQS
sysIO
Buffer
LVDS Pair
PADA "T"
PADB "C"
LVDS Pair
PADA "T"
PADB "C"
LVDS Pair
PIO A
PIO B
PADA "T"
PADB "C"
LVDS Pair
PIO A
PIO B
PADA "T"
PADB "C"
LVDS Pair
PIO A
PIO B
PADA "T"
PADB "C"
LVDS Pair
PIO A
PIO B
PADA "T"
PADB "C"
LVDS Pair
PIO A
PIO B
PADA "T"
PADB "C"
LVDS Pair
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com