Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 16Page - Lattice Semiconductor LFEC10 Datasheet HTML 17Page - Lattice Semiconductor LFEC10 Datasheet HTML 18Page - Lattice Semiconductor LFEC10 Datasheet HTML 19Page - Lattice Semiconductor LFEC10 Datasheet HTML 20Page - Lattice Semiconductor LFEC10 Datasheet HTML 21Page - Lattice Semiconductor LFEC10 Datasheet HTML 22Page - Lattice Semiconductor LFEC10 Datasheet HTML 23Page - Lattice Semiconductor LFEC10 Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 163 page
background image
2-17
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-20. MAC sysDSP Element
MULTADD sysDSP Element
In this case, the operands A0 and B0 are multiplied and the result is added/subtracted with the result of the multi-
plier operation of operands A1 and A2. The user can enable the input, output and pipeline registers. Figure 2-21
shows the MULTADD sysDSP element.
Figure 2-21. MULTADD
Multiplier
x
n
m
m+n
(default)
m+n+16 bits
(default)
m+n+16 bits
(default)
Input Data
Register B
Input Data
Register A
m
n
n
n
m
n
n
m
Accumulator
Multiplier
Multiplicand
SignedAB
Shift Register A In
Shift Register B In
Shift Register A Out
Shift Register B Out
Output
Addn
Accumsload
Pipeline
Register
CLK (CLK0,CLK1,CLK2,CLK3)
CE (CE0,CE1,CE2,CE3)
RST(RST0,RST1,RST2,RST3)
Input
Register
Pipeline
Register
Input
Register
Pipeline
Register
Input
Register
Pipeline
Register
To
Accumulator
To
Accumulator
To
Accumulator
Overflow
signal
Multiplier
Multiplier
Add/Sub
Pipe
Reg
Pipe
Reg
n
m
m
n
m
n
m
n
n
m
m+n
(default)
m+n+1
(default)
m+n+1
(default)
m+n
(default)
x
x
n
m
m
n
m
n
n
m
Multiplier B0
Multiplicand A0
Multiplier B1
Multiplicand A1
Signed
Shift Register A In
Shift Register B In
Shift Register A Out
Shift Register B Out
Output
Addn
Pipeline
Register
CLK (CLK0,CLK1,CLK2,CLK3)
CE (CE0,CE1,CE2,CE3)
RST(RST0,RST1,RST2,RST3)
Input
Register
Pipeline
Register
Input
Register
Pipeline
Register
Pipeline
Register
Input Data
Register A
Input Data
Register A
Input Data
Register B
Input Data
Register B
To Add/Sub
To Add/Sub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com