Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 32Page - Lattice Semiconductor LFEC10 Datasheet HTML 33Page - Lattice Semiconductor LFEC10 Datasheet HTML 34Page - Lattice Semiconductor LFEC10 Datasheet HTML 35Page - Lattice Semiconductor LFEC10 Datasheet HTML 36Page - Lattice Semiconductor LFEC10 Datasheet HTML 37Page - Lattice Semiconductor LFEC10 Datasheet HTML 38Page - Lattice Semiconductor LFEC10 Datasheet HTML 39Page - Lattice Semiconductor LFEC10 Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 163 page
background image
2-33
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Oscillator
Every LatticeECP/EC device has an internal CMOS oscillator which is used to derive a master clock for configura-
tion. The oscillator and the master clock run continuously. The default value of the master clock is 2.5MHz. Table 2-
15 lists all the available Master Clock frequencies. When a different Master Clock is selected during the design pro-
cess, the following sequence takes place:
1.
User selects a different Master Clock frequency.
2.
During configuration the device starts with the default (2.5MHz) Master Clock frequency.
3.
The clock configuration settings are contained in the early configuration bit stream.
4.
The Master Clock frequency changes to the selected frequency once the clock configuration bits are received.
For further information about the use of this oscillator for configuration, please see the list of technical documenta-
tion at the end of this data sheet.
Table 2-15. Selectable Master Clock (CCLK) Frequencies During Configuration
Density Shifting
The LatticeECP/EC family has been designed to ensure that different density devices in the same package have
the same pin-out. Furthermore, the architecture ensures a high success rate when performing design migration
from lower density parts to higher density parts. In many cases, it is also possible to shift a lower utilization design
targeted for a high-density device to a lower density device. However, the exact details of the final resource utiliza-
tion will impact the likely success in each case.
CCLK (MHz)
CCLK (MHz)
CCLK (MHz)
2.5*
13
45
4.3
15
51
5.4
20
55
6.9
26
60
8.1
30
130
9.2
34
—
10.0
41
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com