Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 8Page - Lattice Semiconductor LFEC10 Datasheet HTML 9Page - Lattice Semiconductor LFEC10 Datasheet HTML 10Page - Lattice Semiconductor LFEC10 Datasheet HTML 11Page - Lattice Semiconductor LFEC10 Datasheet HTML 12Page - Lattice Semiconductor LFEC10 Datasheet HTML 13Page - Lattice Semiconductor LFEC10 Datasheet HTML 14Page - Lattice Semiconductor LFEC10 Datasheet HTML 15Page - Lattice Semiconductor LFEC10 Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 163 page
background image
2-9
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-8. Per Quadrant Primary Clock Selection
Figure 2-9. Per Quadrant Secondary Clock Selection
Figure 2-10. Slice Clock Selection
sysCLOCK Phase Locked Loops (PLLs)
The PLL clock input, from pin or routing, feeds into an input clock divider. There are three sources of feedback sig-
nal to the feedback divider: from CLKOP (PLL Internal), from clock net (CLKOP) or from a user clock (PIN or logic).
There is a PLL_LOCK signal to indicate that VCO has locked on to the input clock signal. Figure 2-11 shows the
sysCLOCK PLL diagram.
The setup and hold times of the device can be improved by programming a delay in the feedback or input path of
the PLL which will advance or delay the output clock with reference to the input clock. This delay can be either pro-
4 Primary Clocks (CLK0, CLK1, CLK2, CLK3) per Quadrant
20 Primary Clock Sources: 12 PLLs + 4 PIOs + 4 Routing1
DCS
DCS
1. Smaller devices have fewer PLL related lines.
4 Secondary Clocks per Quadrant
20 Secondary Clock Feedlines : 4 Clock Input Pads + 16 Routing Signals
Primary Clock
Secondary Clock
Routing
Clock to
each slice
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com