Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 23Page - Lattice Semiconductor LFEC10 Datasheet HTML 24Page - Lattice Semiconductor LFEC10 Datasheet HTML 25Page - Lattice Semiconductor LFEC10 Datasheet HTML 26Page - Lattice Semiconductor LFEC10 Datasheet HTML 27Page - Lattice Semiconductor LFEC10 Datasheet HTML 28Page - Lattice Semiconductor LFEC10 Datasheet HTML 29Page - Lattice Semiconductor LFEC10 Datasheet HTML 30Page - Lattice Semiconductor LFEC10 Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 163 page
background image
2-24
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-27. Input Register DDR Waveforms
Figure 2-28. INDDRXB Primitive
Output Register Block
The output register block provides the ability to register signals from the core of the device before they are passed
to the sysI/O buffers. The block contains a register for SDR operation that is combined with an additional latch for
DDR operation. Figure 2-29 shows the diagram of the Output Register Block.
In SDR mode, ONEG0 feeds one of the flip-flops that then feeds the output. The flip-flop can be configured a D-
type or latch. In DDR mode, ONEG0 is fed into one register on the positive edge of the clock and OPOS0 is
latched. A multiplexer running off the same clock selects the correct register for feeding to the output (D0).
Figure 2-30 shows the design tool DDR primitives. The SDR output register has reset and clock enable available.
The additional register for DDR operation does not have reset or clock enable available.
AB
C
D
E
F
BD
DI
(In DDR Mode)
D0
D2
DQS
A
C
DQS
Delayed
IDDRXB
LSR
QA
D
ECLK
QB
DDRCLKPOL
SCLK
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com