Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 44 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 44 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 40Page - Lattice Semiconductor LFEC10 Datasheet HTML 41Page - Lattice Semiconductor LFEC10 Datasheet HTML 42Page - Lattice Semiconductor LFEC10 Datasheet HTML 43Page - Lattice Semiconductor LFEC10 Datasheet HTML 44Page - Lattice Semiconductor LFEC10 Datasheet HTML 45Page - Lattice Semiconductor LFEC10 Datasheet HTML 46Page - Lattice Semiconductor LFEC10 Datasheet HTML 47Page - Lattice Semiconductor LFEC10 Datasheet HTML 48Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 163 page
background image
3-8
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Differential HSTL and SSTL
Differential HSTL and SSTL outputs are implemented as a pair of complementary single-ended outputs. All allow-
able single-ended output classes (class I and class II) are supported in this mode.
LVDS25E
The top and bottom side of LatticeECP/EC devices support LVDS outputs via emulated complementary LVCMOS
outputs in conjunction with a parallel resistor across the driver outputs. The scheme shown in
Figure 3-1 is one possible solution for point-to-point signals.
Figure 3-1. LVDS25E Output Termination Example
Table 3-1. LVDS25E DC Conditions
Parameter
Description
Typical
Units
VOH
Output high voltage
1.42
V
VOL
Output low voltage
1.08
V
VOD
Output differential voltage
0.35
V
VCM
Output common mode voltage
1.25
V
ZBACK
Back impedance
100
Ω
+
-
Bourns
CAT16-LV4F12
RS=165 ohms
(±1%)
RS=165 ohms
(±1%)
RD = 140 ohms
(±1%)
RD = 100 ohms
(±1%)
OFF-chip
Transmission line, Zo = 100 ohm differential
VCCIO = 2.5V (±5%)
VCCIO = 2.5V (±5%)
ON-chip
OFF-chip
ON-chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com