Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 41Page - Lattice Semiconductor LFEC10 Datasheet HTML 42Page - Lattice Semiconductor LFEC10 Datasheet HTML 43Page - Lattice Semiconductor LFEC10 Datasheet HTML 44Page - Lattice Semiconductor LFEC10 Datasheet HTML 45Page - Lattice Semiconductor LFEC10 Datasheet HTML 46Page - Lattice Semiconductor LFEC10 Datasheet HTML 47Page - Lattice Semiconductor LFEC10 Datasheet HTML 48Page - Lattice Semiconductor LFEC10 Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 163 page
background image
3-9
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
BLVDS
The LatticeECP/EC devices support BLVDS standard. This standard is emulated using complementary LVCMOS
outputs in conjunction with a parallel external resistor across the driver outputs. BLVDS is intended for use when
multi-drop and bi-directional multi-point differential signaling is required. The scheme shown in Figure 3-2 is one
possible solution for bi-directional multi-point differential signals.
Figure 3-2. BLVDS Multi-point Output Example
Table 3-2. BLVDS DC Conditions
1
Over Recommended Operating Conditions
Typical
Parameter
Description
Zo = 45
Zo = 90
Units
ZOUT
Output impedance
100
100
ohm
RTLEFT
Left end termination
45
90
ohm
RTRIGHT
Right end termination
45
90
ohm
VOH
Output high voltage
1.375
1.48
V
VOL
Output low voltage
1.125
1.02
V
VOD
Output differential voltage
0.25
0.46
V
VCM
Output common mode voltage
1.25
1.25
V
IDC
DC output current
11.2
10.2
mA
1. For input buffer, see LVDS table.
Heavily loaded backplane, effective Zo ~ 45 to 90 ohms differential
2.5V
80
80
80
80
80
80
45-90 ohms
45-90 ohms
80
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
+
-
. . .
-
. . .
+
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com