Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 37 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 37 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 33Page - Lattice Semiconductor LFEC10 Datasheet HTML 34Page - Lattice Semiconductor LFEC10 Datasheet HTML 35Page - Lattice Semiconductor LFEC10 Datasheet HTML 36Page - Lattice Semiconductor LFEC10 Datasheet HTML 37Page - Lattice Semiconductor LFEC10 Datasheet HTML 38Page - Lattice Semiconductor LFEC10 Datasheet HTML 39Page - Lattice Semiconductor LFEC10 Datasheet HTML 40Page - Lattice Semiconductor LFEC10 Datasheet HTML 41Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 163 page
background image
www.latticesemi.com
3-1
DC and Switching_01.9
February 2008
Data Sheet
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Recommended Operating Conditions
Absolute Maximum Ratings
1, 2, 3
1. Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
2. Compliance with the Lattice Thermal Management document is required.
3. All voltages referenced to GND.
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . -0.5 to 1.32V
Supply Voltage VCCAUX . . . . . . . . . . . . . . . . -0.5 to 3.75V
Supply Voltage VCCJ . . . . . . . . . . . . . . . . . . -0.5 to 3.75V
Output Supply Voltage VCCIO . . . . . . . . . . . -0.5 to 3.75V
Dedicated Input Voltage Applied
4 . . . . . . . . -0.5 to 4.25V
I/O Tristate Voltage Applied
4 . . . . . . . . . . . . -0.5 to 3.75V
Storage Temperature (Ambient) . . . . . . . . . -65 to 150°C
Junction Temp. (Tj). . . . . . . . . . . . . . . . . . . . . . . . +125°C
4. Overshoot and undershoot of -2V to (VIHMAX + 2) volts is permitted for a duration of <20ns.
Symbol
Parameter
Min.
Max.
Units
VCC
Core Supply Voltage
1.14
1.26
V
VCCAUX
3
Auxiliary Supply Voltage
3.135
3.465
V
VCCPLL
PLL Supply Voltage for ECP/EC33
1.14
1.26
V
VCCIO
1, 2
I/O Driver Supply Voltage
1.140
3.465
V
VCCJ
1
Supply Voltage for IEEE 1149.1 Test Access Port
1.140
3.465
V
tJCOM
Junction Commercial Operation
0
85
°C
tJIND
Junction Industrial Operation
-40
100
°C
1. If VCCIO or VCCJ is set to 1.2V, they must be connected to the same power supply as VCC. If VCCIO or VCCJ is set to 3.3V, they must be con-
nected to the same power supply as VCCAUX.
2. See recommended voltages by I/O standard in subsequent table.
3. VCCAUX ramp rate must not exceed 3mV/µs for commercial and 0.6 mV/µs for industrial device operations during power up when transition-
ing between 0.8V and 1.8V.
Hot Socketing Specifications
1, 2, 3, 4
1. Insensitive to sequence of VCC, VCCAUX and VCCIO. However, assumes monotonic rise/fall rates for VCC, VCCAUX and VCCIO.
2. 0 ≤ VCC ≤ VCC (MAX), 0 ≤ VCCIO ≤ VCCIO (MAX) or 0 ≤ VCCAUX ≤ VCCAUX (MAX).
3. IDK is additive to IPU, IPW or IBH.
4. LVCMOS and LVTTL only.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Top and Bottom General Purpose sysI/Os (Banks 0, 1, 4 and 5), JTAG and Dedicated sysCONFIG Pins
IDK_TB
Input or I/O Leakage Current
0 ≤ VIN ≤ VIH (MAX.)
—
—
+/-1000
µA
Left and Right General Purpose sysI/Os (Banks 2, 3, 6 and 7)
IDK_LR
Input or I/O Leakage Current
VIN ≤ VCCIO
—
—
+/-1000
µA
VIN > VCCIO
—35—
mA
LatticeECP/EC Family Data Sheet
DC and Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com