Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 43Page - Lattice Semiconductor LFEC10 Datasheet HTML 44Page - Lattice Semiconductor LFEC10 Datasheet HTML 45Page - Lattice Semiconductor LFEC10 Datasheet HTML 46Page - Lattice Semiconductor LFEC10 Datasheet HTML 47Page - Lattice Semiconductor LFEC10 Datasheet HTML 48Page - Lattice Semiconductor LFEC10 Datasheet HTML 49Page - Lattice Semiconductor LFEC10 Datasheet HTML 50Page - Lattice Semiconductor LFEC10 Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 163 page
background image
3-11
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
RSDS
The LatticeECP/EC devices support differential RSDS standard. This standard is emulated using complementary
LVCMOS outputs in conjunction with a parallel resistor across the driver outputs. The RSDS input standard is sup-
ported by the LVDS differential input buffer. The scheme shown in Figure 3-4 is one possible solution for RSDS
standard implementation. Use LVDS25E mode with suggested resistors for RSDS operation. Resistor values in
Figure 3-4 are industry standard values for 1% resistors.
Figure 3-4. RSDS (Reduced Swing Differential Standard)
Table 3-4. RSDS DC Conditions
Parameter
Description
Typical
Units
ZOUT
Output impedance
20
ohm
RS
Driver series resistor
294
ohm
RP
Driver parallel resistor
121
ohm
RT
Receiver termination
100
ohm
VOH
Output high voltage
1.35
V
VOL
Output low voltage
1.15
V
VOD
Output differential voltage
0.20
V
VCM
Output common mode voltage
1.25
V
ZBACK
Back impedance
101.5
ohm
IDC
DC output current
3.66
mA
100
294
294
On-chip
Emulated
RSDS Buffer
VCCIO = 2.5V
VCCIO = 2.5V
Zo = 100
+
-
121
Off-chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com