Electronic Components Datasheet Search
  English  ▼

X  

LFEC10 Datasheet(PDF) 31 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 31 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 27Page - Lattice Semiconductor LFEC10 Datasheet HTML 28Page - Lattice Semiconductor LFEC10 Datasheet HTML 29Page - Lattice Semiconductor LFEC10 Datasheet HTML 30Page - Lattice Semiconductor LFEC10 Datasheet HTML 31Page - Lattice Semiconductor LFEC10 Datasheet HTML 32Page - Lattice Semiconductor LFEC10 Datasheet HTML 33Page - Lattice Semiconductor LFEC10 Datasheet HTML 34Page - Lattice Semiconductor LFEC10 Datasheet HTML 35Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 163 page
background image
2-28
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Polarity Control Logic
In a typical DDR Memory interface design, the phase relation between the incoming delayed DQS strobe and the
internal system Clock (during the READ cycle) is unknown.
The LatticeECP/EC family contains dedicated circuits to transfer data between these domains. To prevent setup
and hold violations at the domain transfer between DQS (delayed) and the system Clock a clock polarity selector is
used. This changes the edge on which the data is registered in the synchronizing registers in the input register
block. This requires evaluation at the start of each READ cycle for the correct clock polarity.
Prior to the READ operation in DDR memories DQS is in tristate (pulled by termination). The DDR memory device
drives DQS low at the start of the preamble state. A dedicated circuit detects this transition. This signal is used to
control the polarity of the clock to the synchronizing registers.
sysI/O Buffer
Each I/O is associated with a flexible buffer referred to as a sysI/O buffer. These buffers are arranged around the
periphery of the device in eight groups referred to as Banks. The sysI/O buffers allow users to implement the wide
variety of standards that are found in today’s systems including LVCMOS, SSTL, HSTL, LVDS and LVPECL.
sysI/O Buffer Banks
LatticeECP/EC devices have eight sysI/O buffer banks; each is capable of supporting multiple I/O standards. Each
sysI/O bank has its own I/O supply voltage (VCCIO), and two voltage references VREF1 and VREF2 resources allow-
ing each bank to be completely independent from each other. Figure 2-34 shows the eight banks and their associ-
ated supplies.
In the LatticeECP/EC devices, single-ended output buffers and ratioed input buffers (LVTTL, LVCMOS, PCI and PCI-
X) are powered using VCCIO. LVTTL, LVCMOS33, LVCMOS25 and LVCMOS12 can also be set as fixed threshold
input independent of VCCIO. In addition to the bank VCCIO supplies, the LatticeECP/EC devices have a VCC core logic
power supply, and a VCCAUX supply that power all differential and referenced buffers.
Each bank can support up to two separate VREF voltages, VREF1 and VREF2 that set the threshold for the refer-
enced input buffers. In the LatticeECP/EC devices, some dedicated I/O pins in a bank can be configured to be a
reference voltage supply pin. Each I/O is individually configurable based on the bank’s supply and reference volt-
ages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com