Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 105Page - Renesas Technology Corp 6V7 Datasheet HTML 106Page - Renesas Technology Corp 6V7 Datasheet HTML 107Page - Renesas Technology Corp 6V7 Datasheet HTML 108Page - Renesas Technology Corp 6V7 Datasheet HTML 109Page - Renesas Technology Corp 6V7 Datasheet HTML 110Page - Renesas Technology Corp 6V7 Datasheet HTML 111Page - Renesas Technology Corp 6V7 Datasheet HTML 112Page - Renesas Technology Corp 6V7 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 298 page
background image
Rev.1.00
May 18, 2004
page 109 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.11.13 UART2 special mode register
UART2 special mode register
Symbol
Address
When reset
U2SMR
037716
0016
b7b6b5
b4b3b2b1b0
Bit name
Bit
symbol
W
R
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
Reserved bits
ACSE
SSS
0 : Ordinary
1 : Falling edge of RxD2
Transmit start condition
select bit
Auto clear function
select bit of transmit
enable bit
0 : No auto clear function
1 : Auto clear at occurrence of
bus collision
Must always be set to “0”
Must always be set to “0”
Must always be set to “0”
Must always be set to “0”
0
Reserved bit
Must always be set to “0”
0
0
000
Must always be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com