Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 108Page - Renesas Technology Corp 6V7 Datasheet HTML 109Page - Renesas Technology Corp 6V7 Datasheet HTML 110Page - Renesas Technology Corp 6V7 Datasheet HTML 111Page - Renesas Technology Corp 6V7 Datasheet HTML 112Page - Renesas Technology Corp 6V7 Datasheet HTML 113Page - Renesas Technology Corp 6V7 Datasheet HTML 114Page - Renesas Technology Corp 6V7 Datasheet HTML 115Page - Renesas Technology Corp 6V7 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 298 page
background image
Rev.1.00
May 18, 2004
page 112 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.11.14 UART0 transmit/receive mode registers in clock synchronous serial I/O mode
Symbol
Address
When reset
U0MR
03A016
0016
CKDIR
UART0 transmit/receive mode register
Internal/external clock
select bit
STPS
PRY
PRYE
IOPOL
0 : Internal clock
1 : External clock
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Must always be set to “0”
Reserved bit
0 1
0
SMD0
SMD1
SMD2
Serial I/O mode select bit
0 0 1 : Clock synchronous serial
I/O mode
b2 b1 b0
0
Invalid in clock synchronous serial I/O mode
Figure 2.11.15 UART2 transmit/receive mode register in clock synchronous serial I/O mode
Symbol
Address
When reset
U2MR
037816
0016
CKDIR
UART2 transmit/receive mode register
Internal/external clock
select bit
STPS
PRY
PRYE
IOPOL
0 : Internal clock
1 : External clock
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
01
0
SMD0
SMD1
SMD2
Serial I/O mode select bit
0 0 1 : Clock synchronous serial
I/O mode
b2 b1 b0
Invalid in clock synchronous serial I/O mode
TxD, RxD I/O polarity
reverse bit (Note)
0 : No reverse
1 : Reverse
Note: Usually set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com