Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 110Page - Renesas Technology Corp 6V7 Datasheet HTML 111Page - Renesas Technology Corp 6V7 Datasheet HTML 112Page - Renesas Technology Corp 6V7 Datasheet HTML 113Page - Renesas Technology Corp 6V7 Datasheet HTML 114Page - Renesas Technology Corp 6V7 Datasheet HTML 115Page - Renesas Technology Corp 6V7 Datasheet HTML 116Page - Renesas Technology Corp 6V7 Datasheet HTML 117Page - Renesas Technology Corp 6V7 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 298 page
background image
Rev.1.00
May 18, 2004
page 114 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.11.16 Typical transmit/receive timings in clock synchronous serial I/O mode
• Example of transmit timing (when internal clock is selected)
• Example of receive timing (when external clock is selected)
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1 D2 D3 D4 D5 D6 D7
Tc
TCLK
Stopped pulsing because transfer enable bit = “0”
Data is set in UARTi transmit buffer register
Tc = TCLK = 2(n + 1) / fi
fi: frequency of BRGi count source (f 1, f8, f32)
n: value set to BRGi
Transfer clock
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLKi
TxDi
Transmit
register empty
flag (TXEPT)
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
CTSi
The above timing applies to the following settings:
• Internal clock is selected.
• CTS function is selected.
• CLK polarity select bit = “0”.
• Transmit interrupt cause select bit = “0”.
Transmit interrupt
request bit (IR)
“0”
“1”
Stopped pulsing because CTS = “H”
1 / fEXT
Dummy data is set in UARTi transmit buffer register
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLKi
RxDi
Receive complete
flag (Rl)
RTSi
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
Receive enable
bit (RE)
“0”
“1”
Receive data is taken in
Transferred from UARTi transmit buffer register to UARTi transmit register
Read out from UARTi receive buffer register
The above timing applies to the following settings:
• External clock is selected.
• RTS function is selected.
• CLK polarity select bit = “0”.
fEXT: frequency of external clock
Transferred from UARTi receive register
to UARTi receive buffer register
Receive interrupt
request bit (IR)
“0”
“1”
D0 D1 D2 D3 D4 D5 D6 D7
D0
D1 D2
D3 D4
D5
Shown in ( ) are bit symbols.
Transferred from UARTi transmit buffer register to UARTi transmit register
Meet the following conditions are met when the CLK
input before data reception = “H”
• Transmit enable bit
“1”
• Receive enable bit
“1”
• Dummy data write to UARTi transmit buffer register
Shown in ( ) are bit symbols.
Cleared to “0” when interrupt request is accepted, or cleared by software
Cleared to “0” when interrupt request is accepted, or cleared by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com