Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 113Page - Renesas Technology Corp 6V7 Datasheet HTML 114Page - Renesas Technology Corp 6V7 Datasheet HTML 115Page - Renesas Technology Corp 6V7 Datasheet HTML 116Page - Renesas Technology Corp 6V7 Datasheet HTML 117Page - Renesas Technology Corp 6V7 Datasheet HTML 118Page - Renesas Technology Corp 6V7 Datasheet HTML 119Page - Renesas Technology Corp 6V7 Datasheet HTML 120Page - Renesas Technology Corp 6V7 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 298 page
background image
Rev.1.00
May 18, 2004
page 117 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Item
Specification
Transfer data format
• Character bit (transfer data): 7 bits, 8 bits, or 9 bits as selected
• Start bit: 1 bit
• Parity bit: Odd, even, or nothing as selected
• Stop bit: 1 bit or 2 bits as selected
Transfer clock
• When internal clock is selected (bit 3 at addresses 03A016, 037816 = “0”) :
fi/16(n+1) (Note 1) fi = f1, f8, f32
• When external clock is selected (bit 3 at addresses 03A016, 037816 =“1”) :
fEXT/16(n+1)(Note 1) (Note 2)
Transmission/reception control
_______
_______
_______
_______
• CTS function/RTS function/CTS, RTS function chosen to be invalid
Transmission start condition
• To start transmission, the following requirements must be met:
Transmit enable bit (bit 0 at addresses 03A516, 037D16) = “1”
Transmit buffer empty flag (bit 1 at addresses 03A516, 037D16) = “0”
_______
_______
When CTS function selected, CTS input level = “L”
Reception start condition
• To start reception, the following requirements must be met:
Receive enable bit (bit 2 at addresses 03A516, 037D16) = “1”
Start bit detection
Interrupt request
• When transmitting
generation timing
T
ransmit interrupt cause select bits (bits 0 at address 03B016, bit4 at
address 037D16) = “0”: Interrupts requested when data transfer from UARTi
transfer buffer register to UARTi transmit register is completed
Transmit interrupt cause select bits (bits 0 at address 03B016, bit4 at
address 037D16) = “1”: Interrupts requested when data transmission from
UARTi transfer register is completed
•
When receiving
Interrupts requested when data transfer from UARTi receive register to
UARTi receive buffer register is completed
Error detection
• Overrun error (Note 3)
This error occurs when the next data is ready before contents of UARTi
receive buffer register are read out
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
This error occurs when if parity is enabled, the number of 1’s in parity and
character bits does not match the number of 1’s set
• Error sum flag
This flag is set (= 1) when any of the overrun, framing, and parity errors is
encountered
2.11.3 Clock Asynchronous Serial I/O (UART) Mode
The UART mode allows transmitting and receiving data after setting the desired transfer rate and transfer
data format. Tables 2.11.5 and 2.11.6 list the specifications of the UART mode. Figure 2.11.20 and
2.11.21 show the UARTi transmit/receive mode register in UART mode.
Table 2.11.5 Specifications of UART Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com