Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 176Page - Renesas Technology Corp 6V7 Datasheet HTML 177Page - Renesas Technology Corp 6V7 Datasheet HTML 178Page - Renesas Technology Corp 6V7 Datasheet HTML 179Page - Renesas Technology Corp 6V7 Datasheet HTML 180Page - Renesas Technology Corp 6V7 Datasheet HTML 181Page - Renesas Technology Corp 6V7 Datasheet HTML 182Page - Renesas Technology Corp 6V7 Datasheet HTML 183Page - Renesas Technology Corp 6V7 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 298 page
background image
Rev.1.00
May 18, 2004
page 180 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.16.2 Block diagram of OSD circuit
OSD RAM (See note 1)
19 bits ✕ 32 characters ✕ 16 lines
Data bus
OSD ROM (character font) (See note 2)
16 dots ✕ 20 dots ✕ 254 characters
24 dots ✕ 32 dots ✕ 254 characters
Output circuit
R
G
B
OUT1
OUT2
Control register for OSD
SPRITE OSD control register
OSD control register 1
OSD control register 2
Horizontal position register
Clock control register i
I/O polarity control register
OSD control register 3
Raster color register
Top border control register
Bottom border control register
Block control register i
Vertical position register i
Color palette register i
OSD reserved register i
OSD control register 4
Left border control register
Right border control register
SPRITE vertical position register
SPRITE horizontal position register
Internal oscillation control register 1
Internal oscillation control register 2
Internal oscillation control register 3
(address 020116)
(address 020216)
(address 020316)
(address 020416)
(addresses 020516, 020B16)
(address 020616)
(address 020716)
(addresses 020916, 020816)
(addresses 020D16, 020C16)
(addresses 020F16, 020E16)
(addresses 021016 to 021F16)
(addresses 022016 to 023F16)
(addresses 024016 to 025B16)
(addresses 020A16, 025D16,
027A16, 027B16, 027C16)
(address 025F16)
(addresses 027116, 027016)
(addresses 027316, 027216)
(addresses 027416 to 027716)
(addresses 027916, 027816)
(address 028016)
(address 028116)
(address 028216)
Display
oscillation
circuit
OSC1 OSC2
HSYNC VSYNC
Internally generated clock
Clock for OSD
OSD control circuit
OSD ROM (color dot font)
16 dots ✕ 26 dots ✕ 4 planes ✕
94 characters
OSD RAM (SPRITE)
32 dots ✕ 20 dots ✕ 4 planes ✕ 2 lines
Shift register
Notes 1: In 42 character-mode, 19 bits ✕ 42 characters ✕ 16 lines
2: In OSDL disable mode, 16 dots ✕ 20 dots ✕ 762 characters.
Shift register
Shift register
Shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com