Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 177Page - Renesas Technology Corp 6V7 Datasheet HTML 178Page - Renesas Technology Corp 6V7 Datasheet HTML 179Page - Renesas Technology Corp 6V7 Datasheet HTML 180Page - Renesas Technology Corp 6V7 Datasheet HTML 181Page - Renesas Technology Corp 6V7 Datasheet HTML 182Page - Renesas Technology Corp 6V7 Datasheet HTML 183Page - Renesas Technology Corp 6V7 Datasheet HTML 184Page - Renesas Technology Corp 6V7 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 298 page
background image
Rev.1.00
May 18, 2004
page 181 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.16.3 OSD control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Bit name
R W
OSD control register 1
OSD control bit
Scan mode
selection bit
Automatic solid
space control bit
Border type
selection bit
Flash mode
selection bit
Layer mixing
control bits
Vertical window/blank
control bit
Function
0 : All-blocks and SPRITE display OFF
1 : All-blocks and SPRITE display ON
0 : Normal scan mode
1 : Bi-scan mode
0 : All bordered
1 : Shadow bordered (See note 2)
0 : Color signal of character background
part does not flash
1 : Color signal of character background
part flashes
0 0: Logic sum (OR) of layer 1’s
color and layer 2’s color
0 1: Layer 1’s color has priority
1 0: Layer 2’s color has priority
1 1: Do not set.
b7 b6
0 : OFF
1 : ON
0 : OFF
1 : ON
Notes 1 : When this bit is switched "1" from "0", the display screen remains
unchanged until a rising (falling) of the next VSYNC.
2: Shadow border is output at right and bottom side of the font.
3: OUT2 is always ORed, regardless of values of these bits.
OC16 .
OC16
OC15
OC14
OC13
OC12
OC11
OC10
Symbol
Address
When reset
OC1
020216
0016
(See note 1)
OC17
(See note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com