Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 178Page - Renesas Technology Corp 6V7 Datasheet HTML 179Page - Renesas Technology Corp 6V7 Datasheet HTML 180Page - Renesas Technology Corp 6V7 Datasheet HTML 181Page - Renesas Technology Corp 6V7 Datasheet HTML 182Page - Renesas Technology Corp 6V7 Datasheet HTML 183Page - Renesas Technology Corp 6V7 Datasheet HTML 184Page - Renesas Technology Corp 6V7 Datasheet HTML 185Page - Renesas Technology Corp 6V7 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 298 page
background image
Rev.1.00
May 18, 2004
page 182 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.16.4 Block control register i (i = 0 to 16)
b7
4 b3 b2 b1 b0
i
Display mode
selection bits
Dot size
selection bits
Pre-divide ratio
selection bits
b2 b1
b0
Functions
0
0
0
Display OFF
0
0
1
OSDS mode (No bordered)
0
1
0
CC mode
0
1
1
CDOSD mode
1
0
0
OSDP mode (No bordered)
1
0
1
OSDS mode (Bordered)
1
1
0
OSDP mode (Bordered)
1
1
1
OSDL mode
Bit name
F unction
RW
Notes 1: Tc is OSD clock cycle divided in pre-divide circuit
2: H is HSYNC
3: This character size is available only in Layer 2. At this time, set layer 1’s
pre-divide ratio = ✕ 2, layer 1’s horizontal dot size = 1Tc.
4: In OSDL and OSDP modes, 1.5Tc size cannot be used.
b6
b5 b4
b3 Pre-divide
Dot size
0
0
1
1
0
0
1
1
0
0
0
0
1
1
0
1
1
1
✕ 1
✕ 2
✕ 3
1Tc ✕ 1/2H
1Tc ✕ 1H
2Tc ✕ 2H
3Tc ✕ 3H
1Tc ✕ 1/2H
1Tc ✕ 1H
2Tc ✕ 2H
3Tc ✕ 3H
1.5Tc ✕ 1/2H (See notes 3, 4)
1.5Tc ✕ 1H (See notes 3, 4)
1Tc ✕ 1/2H
1Tc ✕ 1H
2Tc ✕ 2H
3Tc ✕ 3H
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Nothing is assigned. In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Bit symbol
BCi_0
BCi_3
BCi_5
BCi_1
BCi_2
BCi_4
BCi_6
Symbo
Address
021016 to 021F16
l
BCi (i = 1 to 16)
When reset
Indeterminate
ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com