Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 182Page - Renesas Technology Corp 6V7 Datasheet HTML 183Page - Renesas Technology Corp 6V7 Datasheet HTML 184Page - Renesas Technology Corp 6V7 Datasheet HTML 185Page - Renesas Technology Corp 6V7 Datasheet HTML 186Page - Renesas Technology Corp 6V7 Datasheet HTML 187Page - Renesas Technology Corp 6V7 Datasheet HTML 188Page - Renesas Technology Corp 6V7 Datasheet HTML 189Page - Renesas Technology Corp 6V7 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 298 page
background image
Rev.1.00
May 18, 2004
page 186 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
The display position in the vertical direction is determined by counting the horizontal sync signal (HSYNC).
At this time, when VSYNC and HSYNC are positive polarity (negative polarity), it starts to count the rising
edge (falling edge) of HSYNC signal from after fixed cycle of rising edge (falling edge) of VSYNC signal. So
interval from rising edge (falling edge) of VSYNC signal to rising edge (falling edge) of HSYNC signal needs
enough time (2 ✕ BCLK cycles or more) for avoiding jitter. The polarity of HSYNC and VSYNC signals can
select with the I/O polarity control register (address 020616).
Figure 2.16.9 Supplement explanation for display position
When bits 0 and 1 of the I/O polarity control register
(address 020616) are set to “1” (negative polarity)
VSYNC signal input
VSYNC control
signal in
microcomputer
100 to 200 [ns]
(BCLK = 10 MHz)
62.5 to 125 [ns]
(BCLK = 16 MHz)
Period of counting
HSYNC signal
(Note 2)
HSYNC
signal input
Not count
12345
Notes 1 : The vertical position is determined by counting falling edge of
HSYNC signal after rising edge of VSYNC control signal in the
microcomputer.
2: Do not generate falling edge of HSYNC signal near rising edge
of VSYNC control signal in microcomputer to avoid jitter.
3: The pulse width of HSYNC needs 26 ✕ BCLK cycles or more.
8 ✕ BCLK cycles or more
26 ✕ BCLK cycles
or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com