Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 184Page - Renesas Technology Corp 6V7 Datasheet HTML 185Page - Renesas Technology Corp 6V7 Datasheet HTML 186Page - Renesas Technology Corp 6V7 Datasheet HTML 187Page - Renesas Technology Corp 6V7 Datasheet HTML 188Page - Renesas Technology Corp 6V7 Datasheet HTML 189Page - Renesas Technology Corp 6V7 Datasheet HTML 190Page - Renesas Technology Corp 6V7 Datasheet HTML 191Page - Renesas Technology Corp 6V7 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 298 page
background image
Rev.1.00
May 18, 2004
page 188 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Note : 1TC (TC : OSD clock cycle divided in pre-divide circuit) gap occurs between the horizontal display
start position set by the horizontal position register and the most left dot of the 1st block. Accord-
ingly, when 2 blocks have different pre-divide ratios, their horizontal display start position will not
match.
Ordinary, this gap is 1TC regardless of character sizes, however, the gap is 1.5TC only when the
character size is 1.5TC.
Figure 2.16.12 Notes on horizontal display start position
HSYNC
1TC
1TC
Block 1 (Pre-divide ratio = 1)
1TC
4TOSC ✕ N
Note 1
Block 2 (Pre-divide ratio = 2)
Block 3 (Pre-divide ratio = 3)
Block 4 (Pre-divide ratio = 2, character size = 1.5Tc)
1.5TC
= Value of horizontal position register (decimal notation)
= OSD clock cycle divided in pre-divide circuit
= OSD oscillation cycle
= 50Tosc (When analog RGB output selected: 51Tosc)
N
Tc
Tosc
Tdef
Tdef



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com