Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 188Page - Renesas Technology Corp 6V7 Datasheet HTML 189Page - Renesas Technology Corp 6V7 Datasheet HTML 190Page - Renesas Technology Corp 6V7 Datasheet HTML 191Page - Renesas Technology Corp 6V7 Datasheet HTML 192Page - Renesas Technology Corp 6V7 Datasheet HTML 193Page - Renesas Technology Corp 6V7 Datasheet HTML 194Page - Renesas Technology Corp 6V7 Datasheet HTML 195Page - Renesas Technology Corp 6V7 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 298 page
background image
Rev.1.00
May 18, 2004
page 192 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
b6 b5 b4 b3 b2 b1 b0
BIt symbol
BIt name
Function
R W
When f(XIN)=16MHz, set "001112"
When f(XIN)=10MHz, set "001002"
Please set up the same value as VCO00.
Must always be set to "0"
Internal oscillation control register 1 (Note)
Symbol
Address
When reset
DIV0
0280
0016
Symbol
Address
When reset
DIV1
0281
0016
Symbol
Address
When reset
VCO
0282
0016
DIV00
DIV01
DIV02
DIV03
DIV04
DIV05
Reserved bit
b7
b6 b5 b4 b3 b2 b1 b0
BIt symbol
BIt name
Function
R W
Internal oscillation frequency
=(N+1)/2MHz
N : Values that can be set by DIV16 to DIV10
Set N as shown below:
N="3B16"–"4F16" when VCO01="0"
N="2716"–"3B16" when VCO01="1"
Ex. Set 2716 at 20MHz
Set 4F16 at 40MHz
Must always be set to "0"
Internal oscillation control register 2 (Note)
DIV10
DIV11
DIV12
DIV13
DIV14
DIV15
DIV16
Reserved bit
b7
b6 b5 b4 b3 b2 b1 b0
BIt symbol
BIt name
Function
R W
0 : OFF
1 : ON
0 : Selects oscillator for 30 to 40 MHz
1 : Selects oscillator for 20 to 30 MHz
Must be fixed to (b3, b2)=(0, 0)
Must always be set to "0"
Internal oscillation control register 3 (Note)
VCO00
VCO01
VCO02
VCO03
Reserved bit
b7
Internal oscillation frequency
select bit
Reference clock divide bit
Internal oscillation adjustment
bit
Internal oscillator operating bit
Internal oscillator control bit
Oscillation characteristic switch
bits
0
0
00
0
0
0
Note : Since there is a possibility that jitter may occer, do not access these registers during display.
Figure 2.16.18 Internal oscillation control register i (i=1 to 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com