Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 185Page - Renesas Technology Corp 6V7 Datasheet HTML 186Page - Renesas Technology Corp 6V7 Datasheet HTML 187Page - Renesas Technology Corp 6V7 Datasheet HTML 188Page - Renesas Technology Corp 6V7 Datasheet HTML 189Page - Renesas Technology Corp 6V7 Datasheet HTML 190Page - Renesas Technology Corp 6V7 Datasheet HTML 191Page - Renesas Technology Corp 6V7 Datasheet HTML 192Page - Renesas Technology Corp 6V7 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 298 page
background image
Rev.1.00
May 18, 2004
page 189 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.16.3 Dot Size
The dot size can be selected by a block unit. The dot size in vertical direction is determined by dividing
HSYNC in the vertical dot size control circuit. The dot size in horizontal is determined by dividing the
following clock in the horizontal dot size control circuit : the clock gained by dividing the OSD clock source
(internally generated clock, OSC1, main clock) in the pre-divide circuit. The clock cycle divided in the pre-
divide circuit is defined as 1TC.
The dot size is specified by bits 3 to 6 of the block control register.
Refer to Figure 2.16.4 (the block control register i), refer to Figure 2.16.15 (the clock control register).
The block diagram of dot size control circuit is shown in Figure 2.16.13.
Notes 1 : The pre-divide ratio = 3 cannot be used in the CC mode.
2 : The pre-divide ratio of the layer 2 must be same as that of the layer 1 by the block control
register i.
3 : In the bi-scan mode, the dot size in the vertical direction is 2 times as compared with the normal
mode. Refer to “2.16.18 Scan Mode” about the scan mode.
Figure 2.16.13 Block diagram of dot size control circuit
Figure 2.16.14 Definition of dot sizes
HSYNC
Synchronous
circuit
Cycle✕2
Cycle✕3
Pre-divide circuit
Clock cycle
= 1TC
Horizontal dot size
control circuit
Vertical dot size
control circuit
OSD control circuit
Internally generated
clock
OSC1
1 dot
Scanning line of F1 (F2)
Scanning line of F2 (F1)
1/2H
1H
2H
3H
3TC
2TC
1TC
1TC
In normal scan mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com