Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 183Page - Renesas Technology Corp 6V7 Datasheet HTML 184Page - Renesas Technology Corp 6V7 Datasheet HTML 185Page - Renesas Technology Corp 6V7 Datasheet HTML 186Page - Renesas Technology Corp 6V7 Datasheet HTML 187Page - Renesas Technology Corp 6V7 Datasheet HTML 188Page - Renesas Technology Corp 6V7 Datasheet HTML 189Page - Renesas Technology Corp 6V7 Datasheet HTML 190Page - Renesas Technology Corp 6V7 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 298 page
background image
Rev.1.00
May 18, 2004
page 187 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
The vertical position for each block can be set in 1024 steps (where each step is 1TH (TH: HSYNC cycle))
as values “00216” to “3FF16” in vertical position register i (i = 1 to 16) (addresses 022016 to 023F16). The
vertical position register i is shown in Figure 2.16.10.
Figure 2.16.10 Vertical position register i (i = 1 to 16)
Vertical position register i
b7 b6 b5 b4 b3 b2 b1 b0
(b15)
b7
(b8)
b0
b6 b5 b4 b3 b2 b1
Symbol
Address
When reset
VPi (i = 1 to 16)
Even addresses within addresses 022016 to 023F16, Indeterminate
Odd addresses within addresses 022016 to 023F16
Bit symbol
VPi_9 to VPi_0 Vertical display start
position control bits of
SPRITE font
Bit name
Function
R W
Vertical display start position = TH ✕ n
(n: setting value, TH: HSYNC cycle)
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Note : Do not set VPi
≤ “00116,” VPi ≥ “40016.”
Figure 2.16.11 Horizontal position register
Horizontal position register
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
HP
020416
0016
Bit symbol
HP_7 to HP_0 Horizontal display start
position control bits
Bit name
Function
R W
Horizontal display start position = 4TOSC ✕ n
(n: setting value, TOSC: OSD oscillation cycle)
Note : The setting value synchronizes with the VSYNC.
The horizontal position is common to all blocks, and can be set in 256 steps (where 1 step is 4TOSC, TOSC
being OSD oscillation cycle) as values “0016” to “FF16” in bits 0 to 7 of the horizontal position register
(address 020416). The horizontal position register is shown in Figure 2.16.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com