Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 205Page - Renesas Technology Corp 6V7 Datasheet HTML 206Page - Renesas Technology Corp 6V7 Datasheet HTML 207Page - Renesas Technology Corp 6V7 Datasheet HTML 208Page - Renesas Technology Corp 6V7 Datasheet HTML 209Page - Renesas Technology Corp 6V7 Datasheet HTML 210Page - Renesas Technology Corp 6V7 Datasheet HTML 211Page - Renesas Technology Corp 6V7 Datasheet HTML 212Page - Renesas Technology Corp 6V7 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 298 page
background image
Rev.1.00
May 18, 2004
page 209 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.16.29 Color palette register i (i = 1 to 7, 9 to 15)
Color palette register i
b7 b6 b5 b4 b3 b2 b1 b0
(b15)
b7
(b8)
b0
b6 b5 b4 b3 b2 b1
Symbol
Addresses
When reset
CRi (i = 1 to 7)
Even addresses within addresses 0240 16 to 024D16,
Indeterminate
Odd addresses within addresses 0240 16 to 024D16
CRi (i = 8 to 15) Even addresses within addresses 024E 16 to 025B16,
Indeterminate
Odd addresses within addresses 024E 16 to 025B16
Bit symbol
CRi_2 to CRi_0 R signal output
control bits
Bit name
Function
R W
b2 b1 b0
0 0 0 : V SS
0 0 1 : 1/7V
0 1 0 : 2/7V
0 1 1 : 3/7V
1 0 0 : 4/7V
1 0 1 : 5/7V
1 1 0 : 6/7V
1 1 1 : 7/7V
CRi_6 to CRi_4 G signal output
control bits
b6 b5 b4
0 0 0 : V SS
0 0 1 : 1/7V
0 1 0 : 2/7V
0 1 1 : 3/7V
1 0 0 : 4/7V
1 0 1 : 5/7V
1 1 0 : 6/7V
1 1 1 : 7/7V
CRi_10 to CRi_8 B signal output
control bits
b2 b1 b0
0 0 0 : V SS
0 0 1 : 1/7V
0 1 0 : 2/7V
0 1 1 : 3/7V
1 0 0 : 4/7V
1 0 1 : 5/7V
1 1 0 : 6/7V
1 1 1 : 7/7V
CRi_12
OUT1 signal output
control bit
0: No output
1: Output
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com