Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 207Page - Renesas Technology Corp 6V7 Datasheet HTML 208Page - Renesas Technology Corp 6V7 Datasheet HTML 209Page - Renesas Technology Corp 6V7 Datasheet HTML 210Page - Renesas Technology Corp 6V7 Datasheet HTML 211Page - Renesas Technology Corp 6V7 Datasheet HTML 212Page - Renesas Technology Corp 6V7 Datasheet HTML 213Page - Renesas Technology Corp 6V7 Datasheet HTML 214Page - Renesas Technology Corp 6V7 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 298 page
background image
Rev.1.00
May 18, 2004
page 211 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.16.10 Attribute
The attributes (flash, underline, italic fonts) are controlled to the character font. The attributes for each character are specified
by RC14 to RC16 of OSD RAM (refer to Figure 2.16.26). The attributes to be controlled are differe
nt depending on each
mode.
CC mode ................... Flash, underline, italic for each character
OSDS/P mode .......... Border (all bordered, shadow bordered can be selected) for each block
(1) Under line
The underline is output at the 23rd and 24th lines in vertical direction only in the CC mode. The
underline is controlled by RC16 of OSD RAM. The color of underline is the same color as that of the
character font.
(2) Flash
The parts of the character font, the underline, and the character background are flashed only in the CC mode.
The flash for each character is controlled by RC15 of OSD RAM. The ON/OFF for flash is controlled by bit 3 of the
OSD control register 1 (refer to Figure 2.16.3). When this bit is “0, ” only character font and underline flash. When
“1,” for a character without solid space output, R, G, B and OUT1 (all display area) flash, for a character with solid
space output, only R, G, and B (all display area) flash. The flash c
ycle bases on the VSYNC count and is
selected by bit 4 of OSD control register 3.
<NTSC method>
s When bit 4 = “0”
· VSYNC cycle ✕ 24
≈ 400 ms (at flash ON)
· VSYNC cycle ✕ 8
≈ 133 ms (at flash OFF)
s When bit 4 = “1”
· VSYNC cycle ✕ 48
≈ 800 ms (at flash ON)
· VSYNC cycle ✕ 8
≈ 133 ms (at flash OFF)
(3) Italic
The italic is made by slanting the font stored in OSD ROM to the right only in the CC mode. The italic
is controlled by RC14 of OSD RAM.
Th
e display example attribute is shown in Figure 2.16.30. In this case, “R” is displayed.
Notes 1: When setting both the italic and the flash, the italic character flashes.
2: When a flash character (with flash character background) adjoin on the right side of a non-flash italic
character, parts out of the non-flash italic character is also flashed.
3: OUT2 is not flashed.
4: When the pre-divide ratio = 1, the italic character with slant of 1 dot ✕ 5 steps is displayed ; when the
pre-divide ratio = 2, the italic character with slant of 1/2 dot ✕ 10 steps is displayed (refer to Figure
2.16.30 (c), (d)). However, when displaying the italic character with the pre-divide ratio = 1, set the
OSD clock frequency to 11 MHz to 14 MHz.
5: The boundary of character color is displayed in italic. However, the boundary of character background
color is not affected by the italic (refer to Figure 2.16.31).
6: The adjacent character (one side or both side) to an italic character is displayed in italic even when the
character is not specified to display in italic (refer to Figure 2.16.31).
7: When displaying the 32nd character (in 32-character mode)/42nd character (in 42-character mode) in
the italic and when solid space is off (OC14 = “0”), parts out of character area is not displayed (refer to
Figure 2.16
.31).
8: When use the italic character which the pre-divide ratio = 1, do not use the character in which dot data
exists for the right end of a font.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com