Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 206Page - Renesas Technology Corp 6V7 Datasheet HTML 207Page - Renesas Technology Corp 6V7 Datasheet HTML 208Page - Renesas Technology Corp 6V7 Datasheet HTML 209Page - Renesas Technology Corp 6V7 Datasheet HTML 210Page - Renesas Technology Corp 6V7 Datasheet HTML 211Page - Renesas Technology Corp 6V7 Datasheet HTML 212Page - Renesas Technology Corp 6V7 Datasheet HTML 213Page - Renesas Technology Corp 6V7 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 298 page
background image
Rev.1.00
May 18, 2004
page 210 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.16.9 OUT1, OUT2 Signals
The OUT1, OUT2 signals are used to control the luminance of the video signal. The output waveform of
the OUT1, OUT2 signals is controlled by bit 6 of the color palette register i (refer to Figure 2.16.29), bits
0 to 2 of the block control register i (refer to Figure 2.16.4) and RC17 of OSD RAM. The setting values for
controlling OUT1, OUT2 and the corresponding output waveform is shown in Figure 2.16.30.
Figure 2.16.30 Setting value for controlling OUT1, OUT2 and corresponding output waveform
H
Notes 1: This control is only valid in the OSDS/P mode. It is invalid in CC/CDOSD/OSDL mode .
2: In the CDOSD mode, coloring is performed for each dot. Accordingly, OUT1 outputs to dots
which bit 12 (CRi12) of the color pallet register i is set to “0.”
3: OUT2 cannot be output in sprite OSD.
4: ✕ is an arbitrary value.
L
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
OUT1 signal output control bit
(See note 2)
bit12(CRi12) of color pallet
register i
Border output
OUT2 output
control
(RC 17 of
OSD RAM)
Background
Character
0
1
No output
Output
(See note 1)
0
1
0
1
0
1
✕
✕
0
1
0
1
0
1
✕
✕
✕
✕
✕
OUT2
signal
OUT1
signal
Conditions
Output
waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com