Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 109Page - Renesas Technology Corp R8C/12 Datasheet HTML 110Page - Renesas Technology Corp R8C/12 Datasheet HTML 111Page - Renesas Technology Corp R8C/12 Datasheet HTML 112Page - Renesas Technology Corp R8C/12 Datasheet HTML 113Page - Renesas Technology Corp R8C/12 Datasheet HTML 114Page - Renesas Technology Corp R8C/12 Datasheet HTML 115Page - Renesas Technology Corp R8C/12 Datasheet HTML 116Page - Renesas Technology Corp R8C/12 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 198 page
background image
R8C/12 Group
13.2 Clock Asynchronous Serial I/O (UART) Mode
Rev.1.20
Jan 27, 2006
page 103 of 181
REJ09B0110-0120
13.2.3 Bit Rate
Divided-by-16 of frequency by the UiBRG (i=0 to 1) register in UART mode is a bit rate.
<UART Mode>
• When selecting internal clock
Setting value to the UiBRG register =
–1
fj : Count source frequency of the UiBRG register (f1SIO, f8SIO and f32SIO)
• When selecting external clock
Setting value to the UiBRG register =
–1
fEXT : Count source frequency of the UiBRG register (external clock)
fj
Bit Rate ✕ 16
fEXT
Bit Rate ✕ 16
Figure 13.11 Calculation Formula of UiBRG (i=0 to 1) Register Setting Value
Table 13.7 Bit Rate Setting Example in UART Mode
Bit Rate
BRG
System Clock = 16MHz
System Clock = 8MHz
(bps)
Count Source
BRG Setting Value Actual Time(bps)
Error(%)
BRG Setting Value Actual Time(bps)
Error(%)
1200
f8
103 (6716)
1201.92
0.16
51 (3316)
1201.92
0.16
2400
f8
51 (3316)
2403.85
0.16
25 (1916)
2403.85
0.16
4800
f8
25 (1916)
4807.69
0.16
12 (0C16)
4807.69
0.16
9600
f1
103 (6716)
9615.38
0.16
51 (3316)
9615.38
0.16
14400
f1
68 (4416)
14492.75
0.64
34 (2216)
14285.71
–0.79
19200
f1
51 (3316)
19230.77
0.16
25 (1916)
19230.77
0.16
28800
f1
34 (2216)
28571.43
–0.79
16 (1016)
29411.76
2.12
31250
f1
31 (1F16)
31250.00
0.00
15 (0F16)
31250.00
0.00
38400
f1
25 (1916)
38461.54
0.16
12 (0C16)
38461.54
0.16
51200
f1
19 (1316)
50000.00
–2.34
9 (0916)
50000.00
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com