Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 113Page - Renesas Technology Corp R8C/12 Datasheet HTML 114Page - Renesas Technology Corp R8C/12 Datasheet HTML 115Page - Renesas Technology Corp R8C/12 Datasheet HTML 116Page - Renesas Technology Corp R8C/12 Datasheet HTML 117Page - Renesas Technology Corp R8C/12 Datasheet HTML 118Page - Renesas Technology Corp R8C/12 Datasheet HTML 119Page - Renesas Technology Corp R8C/12 Datasheet HTML 120Page - Renesas Technology Corp R8C/12 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 107 of 181
REJ09B0110-0120
AD control register 2(1)
SymbolAddressAfter reset
ADCON200D416
0016
b7 b6 b5 b4 b3 b2 b1 b0
AD conversion method
select bit
0 : Without sample and hold
1 : With sample and hold
Bit symbol
Bit name
Function
RW
NOTES:
1. If the ADCON2 register is rewritten during A/D conversion, the conversion result is indeterminate.
Nothing is assigned.
When write, write “0”. When read, its content is “0”.
AD register
SymbolAddressAfter reset
AD
00C116-00C016
Indeterminate
When BITS bit in ADCON1
register is set to “1” (10-bit
mode)
Function
(b15)
b7
b7
b0
b0
(b8)
A/D conversion result
Nothing is assigned.
When write, set to “0”. When read, its content is “0”.
When read, its content is
indeterminate.
SMP
00 0
Reserved bitSet to “0”
(b3-b1)
(b7-b4)
RW
RW
RW
RO
RO
8 low-order bits of A/D
conversion result
2 high-order bits of A/D
conversion result
When BITS bit in ADCON1
register is set to “0” (8-bit
mode)
Figure 14.3 ADCON2 Register and AD Register
14. A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com