Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 114Page - Renesas Technology Corp R8C/12 Datasheet HTML 115Page - Renesas Technology Corp R8C/12 Datasheet HTML 116Page - Renesas Technology Corp R8C/12 Datasheet HTML 117Page - Renesas Technology Corp R8C/12 Datasheet HTML 118Page - Renesas Technology Corp R8C/12 Datasheet HTML 119Page - Renesas Technology Corp R8C/12 Datasheet HTML 120Page - Renesas Technology Corp R8C/12 Datasheet HTML 121Page - Renesas Technology Corp R8C/12 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 108 of 181
REJ09B0110-0120
14.1 One-shot Mode
In one-shot mode, the input voltage on one selected pin is A/D converted once. Table 14.2 lists the
specifications of one-shot mode. Figure 14.4 shows the ADCON0 and ADCON1 registers in one-shot
mode.
AD control register 0(1)
SymbolAddressAfter reset
ADCON000D616
00000XXX2
b7 b6 b5 b4 b3 b2 b1 b0
Analog input pin select bit2 0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4 is selected
1 0 1 : AN5 is selected
1 1 0 : AN6 is selected
1 1 1 : AN71 is selected
CH0
Bit symbolBit nameFunction
CH1
CH2
AD operation mode select
bit(2)
0 : One-shot mode
MD
ADST
A/D conversion start flag0 : A/D conversion disabled
1 : A/D conversion started
Frequency select bit 0(3)
0 : fAD/4 is selected
1 : fAD/2 is selected
CKS0
RW
AD control register 1(1)
Symbol
Address
After reset
ADCON1
00D716
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
b2 b1 b0
NOTES:
1. If the ADCON0 register is rewritten during A/D conversion, the conversion result is indeterminate.
2. When changing A/D operation mode, set analog input pin again.
3. This bit is valid when the CKS1 bit in the ADCON1 register is set to “0”.
NOTES:
1. If the ADCON1 register is rewritten during A/D conversion, the conversion result is indeterminate.
2. The
φAD frequency must be 10 MHz or less.
3. If the VCUT bit is reset from “0” (Vref unconnected) to “1” (Vref connected), wait for 1 µs or more before starting A/D
conversion.
BITS
8/10-bit mode select
bit
0 : 8-bit mode
1 : 10-bit mode
VCUT
Vref connect bit(3)
1 : Vref connected
Frequency select
bit 1(2)
CKS1
0
Set to “0”
0
Reserved bit
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
(b4)
Set to “0”
Reserved bit
(b5)
0
0
Set to “0”
Reserved bit
(b2-b0)
RW
RW
RW
RW
RW
RW
Set to “0”
Reserved bit
(b6-b7)
0
1
0 : CKS0 bit in ADCON0 register is valid
1 : fAD is selected
Figure 14.4 ADCON0 Register and ADCON1 Registers in One-shot Mode
Item
Specification
Function
Input voltage on one pin selected by CH2 to CH0 bits is A/D converted once.
Start condition
Set ADST bit to “1”
Stop condition
• Completion of A/D conversion (ADST bit is set to “0”)
• Set ADST bit to “0”
Interrupt request generation timing End of A/D conversion
Input pin
One of AN0 to AN7, as selected
Reading of result of A/D converter Read AD register
Table 14.2 One-shot Mode Specifications
14.1 One-shot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com