Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 118Page - Renesas Technology Corp R8C/12 Datasheet HTML 119Page - Renesas Technology Corp R8C/12 Datasheet HTML 120Page - Renesas Technology Corp R8C/12 Datasheet HTML 121Page - Renesas Technology Corp R8C/12 Datasheet HTML 122Page - Renesas Technology Corp R8C/12 Datasheet HTML 123Page - Renesas Technology Corp R8C/12 Datasheet HTML 124Page - Renesas Technology Corp R8C/12 Datasheet HTML 125Page - Renesas Technology Corp R8C/12 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 112 of 181
REJ09B0110-0120
14.5 Internal Equivalent Circuit of Analog Input
14.5 Internal Equivalent Circuit of Analog Input
Figure 14.8 shows the internal equivalent circuit of analog input.
Figure 14.8 Internal Equivalent Circuit to Analog Input
VCC
VCC
VSS
i =10
VSS
SW2
SW1
AN0
ANi
VREF
Parasitic
diode
Parasitic
diode
ON resistor
approx. 2k
Ω Wiring resistor
approx. 0.2k
Ω
ON resistor
approx. 0.6k
Ω
ON resistor
approx. 0.6k
Ω
ON resistor
approx. 5k
Ω
Analog input voltage
VIN
SW1
ON resistor
approx. 2k
Ω Wiring resistor
approx. 0.2k
Ω
AVCC
AMP
SW3
Chopper-type
amplifier
A/D successive
conversion register
A/D conversion
interrupt request
SW1 conducts only on the ports selected for analog input.
SW2 and SW3 are open when A/D conversion is not in progress;
their status varies as shown by the waveforms in the diagrams on the left.
SW4 conducts only when A/D conversion is not in progress.
Warning: Use only as a standard for designing this data.
Mass production may cause some changes in device characteristics.
SW4
AVSS
C = Approx.1.5pF
SW2
Vref
Comparison voltage
Sampling
control signal
Reference control
signal
Comparison reference voltage (Vref) generator
Sampling
Connect to
Connect to
Comparison
Resistor
ladder
AVSS
Control signal
for SW2
A/D control register 0
b1
b2
b0
Connect to
Connect to
Control signal
for SW3
i ladder-type
switches
(i = 10)
i ladder-type
wiring resistors
(i = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com