Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 119Page - Renesas Technology Corp R8C/12 Datasheet HTML 120Page - Renesas Technology Corp R8C/12 Datasheet HTML 121Page - Renesas Technology Corp R8C/12 Datasheet HTML 122Page - Renesas Technology Corp R8C/12 Datasheet HTML 123Page - Renesas Technology Corp R8C/12 Datasheet HTML 124Page - Renesas Technology Corp R8C/12 Datasheet HTML 125Page - Renesas Technology Corp R8C/12 Datasheet HTML 126Page - Renesas Technology Corp R8C/12 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 113 of 181
REJ09B0110-0120
14.6 Inflow Current Bypass Circuit
14.6 Inflow Current Bypass Circuit
Figure 14.9 shows the configuration of the inflow current bypass circuit, figure 14.10 shows the ex-
ample of an inflow current bypass circuit where VCC or more is applied.
Figure 14.9 Configuration of the Inflow Current Bypass Circuit
To the internal logic
of the A/D Converter
OFF
ON
Unselected channel
Fixed to GND level
OFF
ON
OFF
Selected channel
External input
latched into
ON
Figure 14.10 Example of an Inflow Current Bypass Circuit where VCC or More is Applied
To the internal logic
of the A/D Converter
OFF
ON
Unselected channel
Leakage current
generated
Unaffected
by leakage
Leakage current
generated
OFF
ON
OFF
Selected channel
Sensor input
VCC or more
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com