Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 115Page - Renesas Technology Corp R8C/12 Datasheet HTML 116Page - Renesas Technology Corp R8C/12 Datasheet HTML 117Page - Renesas Technology Corp R8C/12 Datasheet HTML 118Page - Renesas Technology Corp R8C/12 Datasheet HTML 119Page - Renesas Technology Corp R8C/12 Datasheet HTML 120Page - Renesas Technology Corp R8C/12 Datasheet HTML 121Page - Renesas Technology Corp R8C/12 Datasheet HTML 122Page - Renesas Technology Corp R8C/12 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 109 of 181
REJ09B0110-0120
14.2 Repeat Mode
In repeat mode, the input voltage on one selected pin is A/D converted repeatedly. Table 14.3 lists the
specifications of repeat mode. Figure 14.5 shows the ADCON0 and ADCON1 registers in repeat
mode.
Item
Specification
Function
Input voltage on one pin selected by CH2 to CH0 bits is A/sD converted repeat-
edly
Start condition
Set ADST bit to “1”
Stop condition
Set ADST bit to “0”
Interrupt request generation timing
None generated
Input pin
One of AN0 to AN7, as selected
Reading of result of A/D converter
Read AD register
Table 14.3 Repeat Mode Specifications
14.2 Repeat Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com