Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 136Page - Renesas Technology Corp R8C/12 Datasheet HTML 137Page - Renesas Technology Corp R8C/12 Datasheet HTML 138Page - Renesas Technology Corp R8C/12 Datasheet HTML 139Page - Renesas Technology Corp R8C/12 Datasheet HTML 140Page - Renesas Technology Corp R8C/12 Datasheet HTML 141Page - Renesas Technology Corp R8C/12 Datasheet HTML 142Page - Renesas Technology Corp R8C/12 Datasheet HTML 143Page - Renesas Technology Corp R8C/12 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 198 page
background image
R8C/12 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 130 of 181
REJ09B0110-0120
16. Electrical Characteristics
Table 16.1 Absolute Maximum Ratings
Operating ambient temperature
Parameter
Unit
Supply voltage
Output voltage
VO
Pd
Power dissipation
Storage temperature
Rated value
V
V
Condition
VCC
Tstg
Topr
Symbol
mW
VCC=AVCC
V
AVCC
V
-0.3 to 6.5
-65 to 150
300
-20 to 85 / -40 to 85 (D version)
C
Topr=25 C
Analog supply voltage
VCC=AVCC
-0.3 to 6.5
VI
Input voltage
-0.3 to VCC+0.3
-0.3 to VCC+0.3
C
Table 16.2 Recommended Operating Conditions
2.75.5
Typ.
Max.
Unit
Parameter
VCC
Supply voltage
Symbol
Min.
Standard
Analog supply voltage
VCC(3)
AVcc
V
V
0
0
Analog supply voltage
Supply voltage
VIH
Vss
AVss
0.8VCC
V
V
VCC
0.2VCC
"L" input voltage
"H" input voltage
V
f (XIN)
Main clock input oscillation frequency
V
VIL
10
3.0V
≤ Vcc ≤ 5.5V
2.7V
≤ Vcc < 3.0V
MHz
MHz
NOTES:
1. VCC = AVCC = 2.7 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, unless otherwise specified.
2. The typical values when average output current is 100ms.
3. Hold Vcc=AVcc.
0
I OH (sum)
"H" peak all
output currents
Conditions
Sum of all pins' IOH
(peak)
-60.0
mA
I OH (peak)
"H" peak output current
-10.0
mA
I OH (avg)
"H" average output current
-5.0mA
I OL (sum)
"L" peak all
output currents
Sum of all pins' IOL
(peak)
60
mA
I OL (peak)
"L" peak output
current
Except P10 to P17
P10 to P17
10
mA
Drive ability HIGH
Drive ability LOW
30
10
mA
mA
I OL (avg)
"L" average
output current
Except P10 to P17
P10 to P17
Drive ability HIGH
Drive ability LOW
5
15
5
mA
mA
mA
0
0
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com