Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 140Page - Renesas Technology Corp R8C/12 Datasheet HTML 141Page - Renesas Technology Corp R8C/12 Datasheet HTML 142Page - Renesas Technology Corp R8C/12 Datasheet HTML 143Page - Renesas Technology Corp R8C/12 Datasheet HTML 144Page - Renesas Technology Corp R8C/12 Datasheet HTML 145Page - Renesas Technology Corp R8C/12 Datasheet HTML 146Page - Renesas Technology Corp R8C/12 Datasheet HTML 147Page - Renesas Technology Corp R8C/12 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 198 page
background image
R8C/12 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 134 of 181
REJ09B0110-0120
Table 16.8 Electrical Characteristics (2)
[Vcc=5V]
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
No division
mA
In single-chip mode, the output
pins are open and other pins
are VSS
8
14
XIN=16 MHz (square wave)
mA
High-speed
mode
ICC
Power supply current
(VCC=3.3 to 5.5V)
NOTES:
1. Timer Y is operated with timer mode.
2. Referenced to VCC = AVCC = 4.2 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, f(XIN)=20MHz unless otherwise specified.
Wait mode
µA
µA
µA
mA
Medium-speed
mode
On-chip
oscillator mode
Wait mode
On-chip oscillator on=125 kHz
XIN=10 MHz (square wave)
On-chip oscillator on=125 kHz
No division
5
XIN=16 MHz (square wave)
On-chip oscillator on=125 kHz
Division by 8
3
XIN=10 MHz (square wave)
On-chip oscillator on=125 kHz
Division by 8
2
mA
Main clock off
On-chip oscillator on=125 kHz
Main clock off
On-chip oscillator on=125 kHz
Peripheral clock operation
40
Main clock off
On-chip oscillator on=125 kHz
Peripheral clock off
Stop mode
Main clock off, Topr = 25 °C
On-chip oscillator off
CM10="1"
Peripheral clock off
0.8
3.0
Division by 8
470
When a WAIT instruction is executed(1)
When a WAIT instruction is executed(1)
900
80
3876
µA
Symbol
VOH
VOL
"L" output voltage
"H" output voltage
Standard
Typ.
Unit
Measuring condition
V
V
V
Min.Max.
VCC
-2.0
Parameter
IOH=
-5mA
V
Hysteresis
"H" input current
IIH
"L" input current
IIL
VRAM
RAM retention voltage
VT+-VT-
0.2
V
µA
At stop mode
2.0
VI=5V
VI=0V
RfXIN
Feedback resistance
XIN
M
Ω
RPULLUP
Pull-up resistance
167
k
Ω
30
125
NOTES:
1. Referenced to VCC = AVCC = 4.2 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, f(XIN)=20MHz unless otherwise specified.
VCC
Except XOUT
XOUT
IOH=
-200µA
Drive capacity HIGH
Drive capacity LOW
VCC
-0.3
VCC
V
IOH=
-1 mAVCC-2.0
VCC
-2.0
IOH=
-500µA
V
V
VCC
VCC
Except P10 to P17,
XOUT
P10 to P17
XOUT
Drive capacity HIGH
Drive capacity LOW
IOL= 5 mA
IOL= 200 µA
IOL= 15 mA
IOL= 5 mA
2.0
0.45
V
2.0
2.0
V
Drive capacity HIGH
Drive capacity LOW
IOL= 1 mA
IOL=500 µA
2.0
2.0
V
RESET
0.2
1.0
2.2
V
5.0
-5.0
µA
VI=0V
50
1.0
fRING-S
Low-speed on-chip oscillator frequency
40
250
kHz
INT0, INT1, INT2, INT3, KI0, KI1,
KI2, KI3, CNTRo, CNTR1, TCIN,
RxD0, RxD1, P45
IOL= 200 µA
0.45
V
V
Drive capacity LOW
Table 16.7 Electrical Characteristics (1)
[Vcc=5V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com