Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 161Page - Renesas Technology Corp R8C/12 Datasheet HTML 162Page - Renesas Technology Corp R8C/12 Datasheet HTML 163Page - Renesas Technology Corp R8C/12 Datasheet HTML 164Page - Renesas Technology Corp R8C/12 Datasheet HTML 165Page - Renesas Technology Corp R8C/12 Datasheet HTML 166Page - Renesas Technology Corp R8C/12 Datasheet HTML 167Page - Renesas Technology Corp R8C/12 Datasheet HTML 168Page - Renesas Technology Corp R8C/12 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 155 of 181
REJ09B0110-0120
17.4.4 Status Register
The status register indicates the operating status of the flash memory and whether an erase or pro-
gramming operation terminated normally or in error. The status of the status register can be known by
reading the FMR00, FMR06, and FMR07 bits in the FMR0 register.
Table 17.5 lists the status register.
In EW0 mode, the status register can be read in the following cases:
(1) When a given address in the user ROM area is read after writing the Read Status Register com-
mand
(2) When a given address in the user ROM area is read after executing the Program or Block Erase
command but before executing the Read Array command.
• Sequence Status (SR7 and FMR00 Bits )
The sequence status indicates the operating status of the flash memory. SR7 = 0 (busy) during auto
programming and auto erase, and is set to “1” (ready) at the same time the operation finishes.
• Erase Status (SR5 and FMR07 Bits)
Refer to Section 17.4.5, “Full Status Check.”
• Program Status (SR4 and FMR06 Bits)
Refer to Section 17.4.5, “Full Status Check.”
Table 17.5 Status Register
Status
register
bit
SR4 (D4)
SR5 (D5)
SR7 (D7)
SR6 (D6)
Status name
Contents
SR1 (D1)
SR2 (D2)
SR3 (D3)
SR0 (D0)
Program status
Erase status
Sequencer status
Reserved
Reserved
Reserved
Reserved
"1"
Ready
Terminated in error
Terminated in error
-
-
-
-
-
"0"
Busy
Terminated normally
Terminated normally
-
-
-
-
-
Reserved
FMR0
register
bit
FMR00
FMR07
FMR06
Value
after
reset
1
0
0
• D7 to D0: Indicates the data bus which is read out when the Read Status Register command is executed.
• The FMR07 bit (SR5) and FMR06 bit (SR4) are set to “0” by executing the Clear Status Register com-
mand.
• When the FMR07 bit (SR5) or FMR06 bit (SR4) = 1, the Program and Block Erase commands are not
accepted.
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com