Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 162Page - Renesas Technology Corp R8C/12 Datasheet HTML 163Page - Renesas Technology Corp R8C/12 Datasheet HTML 164Page - Renesas Technology Corp R8C/12 Datasheet HTML 165Page - Renesas Technology Corp R8C/12 Datasheet HTML 166Page - Renesas Technology Corp R8C/12 Datasheet HTML 167Page - Renesas Technology Corp R8C/12 Datasheet HTML 168Page - Renesas Technology Corp R8C/12 Datasheet HTML 169Page - Renesas Technology Corp R8C/12 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 156 of 181
REJ09B0110-0120
17.4.5 Full Status Check
When an error occurs, the FMR06 to FMR07 bits in the FMR0 register are set to “1”, indicating occur-
rence of each specific error. Therefore, execution results can be verified by checking these status bits
(full status check). Table 17.6 lists errors and FMR0 register status. Figure 17.12 shows a full status
check flowchart and the action to be taken when each error occurs.
Table 17.6 Errors and FMR0 Register Status
FRM00 register
(status register)
status
Error
Error occurrence condition
FMR07
FMR06
(SR5)
(SR4)
1
1
Command
• When any command is not written correctly
sequence error • When invalid data was written other than those that can be writ-
ten in the second bus cycle of the Block Erase command (i.e.,
other than “D016” or “FF16”)(1)
•When executing the program command or block erase command
while rewriting is disabled using the FMR02 bit in the FMR0 regis-
ter, the FMR15 or FMR16 bit in the FMR1 register.
• When inputting and erasing the address in which the Flash
memory is not allocated during the erase command input.
• When executing to erase the block which disables rewriting dur-
ing the erase command input.
• When inputting and writing the address in which the Flash
memory is not allocated during the write command input.
• When executing to write the block which disables rewriting during
the write command input.
1
0
Erase error
• When the Block Erase command was executed but not automati-
cally erased correctly
0
1
Program error
• When the Program command was executed but not automatically
programmed correctly.
NOTES:
1. Writing ‘FF16’ in the second bus cycle of these commands places the microcomputer in read array
mode, and the command code written in the first bus cycle is nullified.
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com