Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 167Page - Renesas Technology Corp R8C/12 Datasheet HTML 168Page - Renesas Technology Corp R8C/12 Datasheet HTML 169Page - Renesas Technology Corp R8C/12 Datasheet HTML 170Page - Renesas Technology Corp R8C/12 Datasheet HTML 171Page - Renesas Technology Corp R8C/12 Datasheet HTML 172Page - Renesas Technology Corp R8C/12 Datasheet HTML 173Page - Renesas Technology Corp R8C/12 Datasheet HTML 174Page - Renesas Technology Corp R8C/12 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 198 page
background image
R8C/12 Group
17.5 Standard Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 161 of 181
REJ09B0110-0120
Data input
Data output
TxD
CNVss
RxD
Microcomputer
(1) In this example, modes are switched between single-chip mode and standard
serial I/O mode by controlling the MODE input with a switch.
(2) Connecting the oscillation is necessary. Set the main clock frequency 1MHz
to 20 MHz. Refer to "Appendix 2.2 Connecting examples with M16C Flash
Starter (M3A-0806)".
MODE
• Example of Circuit Application in the Standard Serial I/O Mode
Figures 17.14 and 17.15 show examples of circuit application in standard serial I/O mode 1 and
mode 2, respectively. Refer to the serial programmer manual of your programmer to handle pins
controlled by the programmer.
Figure 17.14 Circuit Application in Standard Serial I/O Mode 1
MODE
I/O
Data output
CNVss input
Data input
TxD
MODE
CNVss
RESET
RxD
Reset input
User reset
signal
Microcomputer
(1) Control pins and external circuitry will vary according to programmer.
For more information, see the programmer manual.
(2) In this example, modes are switched between single-chip mode and
standard serial I/O mode by connecting a programmer.
(3) When operating with on-chip oscillator clock, connecting the oscillation
circuit is not necessary. Refer to "Appendix figure 2.1 Connecting
Examples with USB Flash Writer (M3A-0665)".
Figure 17.15 Circuit Application in Standard Serial I/O Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com