Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 169Page - Renesas Technology Corp R8C/12 Datasheet HTML 170Page - Renesas Technology Corp R8C/12 Datasheet HTML 171Page - Renesas Technology Corp R8C/12 Datasheet HTML 172Page - Renesas Technology Corp R8C/12 Datasheet HTML 173Page - Renesas Technology Corp R8C/12 Datasheet HTML 174Page - Renesas Technology Corp R8C/12 Datasheet HTML 175Page - Renesas Technology Corp R8C/12 Datasheet HTML 176Page - Renesas Technology Corp R8C/12 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 198 page
background image
R8C/12 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 163 of 181
REJ09B0110-0120
19. Usage Notes
19.1 Stop Mode and Wait Mode
19.1.1 Stop Mode
When entering stop mode, set the CM10 bit to “1” (stop mode) after setting the FMR01 bit to “0” (CPU
rewrite mode disabled). The instruction queue pre-reads 4 bytes from the instruction which sets the
CM10 bit in the CM1 register to “1” (stop mode) and the program stops. Insert at least 4 NOP instruc-
tions after inserting the JMP.B instruction immediately after the instruction which sets the CM10 bit to
“1”.
Use the next program to enter stop mode.
• Program of entering stop mode
BCLR
1, FMR0
; CPU rewrite mode disabled
BSET
0, PRCR
; Protect exited
BSET
0, CM1
; Stop mode
JMP.B
LABEL_001
LABEL_001:
NOP
NOP
NOP
NOP
19.1.2 Wait Mode
When entering wait mode, execute the WAIT instruction after setting the FMR01 bit to “0” (CPU re-
write mode disabled). The instruction queue pre-reads 4 bytes from the WAIT instruction and the
program stops. Insert at least 4 NOP instructions after the WAIT instruction.
Also, the value in the specific internal RAM area may be rewritten when exiting wait mode if writing to
the interna RAM area before executing the WAIT instruction and entering wait mode. The area for a
maximum of 3 bytes is rewirtten from the following address of the internal RAM in which the writing is
performed before the WAIT instruction. If this causes a problem, avoid by inserting the JMP.B instruc-
tion between the writing instruction to the internal RAM area and WAIT instruction as shown in the
following program example.
• Example to execute WAIT instruction
Program Example
MOV.B
#055h,0601h
; Write to internal RAM area
•••
JMP.B
LABEL_001
LABEL_001 :
FSET
I
; Interrupt enabled
BCLR
1,FMR0
; CPU rewrite mode disabled
WAIT
; Wait mode
NOP
NOP
NOP
NOP
When accessing any area other than the internal RAM area between the writing instruction to the
internal RAM area and execution of the WAIT instruction, this situation will not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com