| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 176 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 176 Page - Renesas Technology Corp |
|
176 / 198 page ![]() R8C/12 Group 19. Usage Notes Rev.1.20 Jan 27, 2006 page 166 of 181 REJ09B0110-0120 Example 1: Use NOP instructions to prevent I flag being set to “1” before interrupt control register is changed INT_SWITCH1: FCLR I ; Disable interrupts AND.B #00H, 0056H ; Set TXIC register to “0016” NOP NOP FSET I ; Enable interrupts Example 2: Use dummy read to have FSET instruction wait INT_SWITCH2: FCLR I ; Disable interrupts AND.B #00H, 0056H ; Set TXIC register to “0016” MOV.W MEM, R0 ; Dummy read FSET I ; Enable interrupts Example 3: Use POPC instruction to change I flag INT_SWITCH3: PUSHC FLG FCLR I ; Disable interrupts AND.B #00H, 0056H ; Set TXIC register to “0016” POPC FLG ; Enable interrupts 19.2.6 Changing Interrupt Control Register (1) Each interrupt control register can only be changed while interrupt requests corresponding to that register are not generated. If interrupt requests may be generated, disable the interrupts before changing the interrupt control register. (2) When changing any interrupt control register after disabling interrupts, be careful with the instruc- tion to be used. When Changing Any Bit Other Than IR Bit If an interrupt request corresponding to that register is generated while executing the instruction, the IR bit may not be set to “1” (interrupt requested), and the interrupt request may be ignored. If this causes a problem, use the following instructions to change the register. Instructions to use: AND, OR, BCLR, BSET When Changing IR Bit If the IR bit is set to “0” (interrupt not requested), it may not be set to “0” depending on the instruction used. Use the MOV instruction to set the IR bit to “0”. (3) When disabling interrupts using the I flag, set the I flag according to the following sample pro- grams. Refer to (2) for the change of interrupt control registers in the sample programs. Sample programs 1 to 3 are preventing the I flag from being set to “1” (interrupt enabled) before writing to the interrupt control registers for reasons of the internal bus or the instruction queue buffer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |