Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 175Page - Renesas Technology Corp R8C/12 Datasheet HTML 176Page - Renesas Technology Corp R8C/12 Datasheet HTML 177Page - Renesas Technology Corp R8C/12 Datasheet HTML 178Page - Renesas Technology Corp R8C/12 Datasheet HTML 179Page - Renesas Technology Corp R8C/12 Datasheet HTML 180Page - Renesas Technology Corp R8C/12 Datasheet HTML 181Page - Renesas Technology Corp R8C/12 Datasheet HTML 182Page - Renesas Technology Corp R8C/12 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 198 page
background image
R8C/12 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 169 of 181
REJ09B0110-0120
19.5 Serial Interface
(1) When reading data from the UiRB (i=0,1) register even in the clock asynchronous serial I/O mode or
in the clock synchronous serial I/O mode. Be sure to read data in 16-bit unit. When the high-byte of
the UiRB register is read, the PER and FER bits of the UiRB register and the RI bit of the UiC1
register are set to "0".
Example (when reading receive buffer register):
MOV.W
00A6H, R0
; Read the U0RB register
(2) When writing data to the UiTB register in the clock asynchronous serial I/O mode with 9-bit transfer
data length, data should be written high-byte first then low-byte in 8-bit unit.
Example (when reading transmit buffer register):
MOV.B
#XXH, 00A3H
; Write the high-byte of U0TB register
MOV.B
#XXH, 00A2H
; Write the low-byte of U0TB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com