Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 180Page - Renesas Technology Corp R8C/12 Datasheet HTML 181Page - Renesas Technology Corp R8C/12 Datasheet HTML 182Page - Renesas Technology Corp R8C/12 Datasheet HTML 183Page - Renesas Technology Corp R8C/12 Datasheet HTML 184Page - Renesas Technology Corp R8C/12 Datasheet HTML 185Page - Renesas Technology Corp R8C/12 Datasheet HTML 186Page - Renesas Technology Corp R8C/12 Datasheet HTML 187Page - Renesas Technology Corp R8C/12 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 198 page
background image
R8C/12 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 174 of 181
REJ09B0110-0120
19.8 Noise
(1) Bypass Capacitor between VCC and VSS Pins
Insert a bypass capacitor (at least 0.1 µF) between VCC and VSS pins as the countermeasures against
noise and latch-up. The connecting wires must be the shortest and widest possible.
(2) Port Control Registers Data Read Error
During severe noise testing, mainly power supply system noise, and introduction of external noise, the
data of port related registers may changed. As a firmware countermeasure, it is recommended to
periodically reset the port registers, port direction registers and pull-up control registers. However, you
should fully examine before introducing the reset routine as conflicts may be created between this
reset routine and interrupt routines (i. e. ports are switched during interrupts).
(3) CNVss Pin Wiring
In order to improve the pin tolerance to noise, insert a pull down resistance (about 5 k
Ω) between
CNVss and Vss, and placed as close as possible to the CNVss pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com