Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 181Page - Renesas Technology Corp R8C/12 Datasheet HTML 182Page - Renesas Technology Corp R8C/12 Datasheet HTML 183Page - Renesas Technology Corp R8C/12 Datasheet HTML 184Page - Renesas Technology Corp R8C/12 Datasheet HTML 185Page - Renesas Technology Corp R8C/12 Datasheet HTML 186Page - Renesas Technology Corp R8C/12 Datasheet HTML 187Page - Renesas Technology Corp R8C/12 Datasheet HTML 188Page - Renesas Technology Corp R8C/12 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 198 page
background image
R8C/12 Group
20. Usage Notes for On-chip Debugger
Rev.1.20
Jan 27, 2006
page 175 of 181
REJ09B0110-0120
20. Usage notes for on-chip debugger
When using the on-chip debugger to develop the R8C/12 group program and debug,
pay the following attention.
(1) Do not use P00/AN7/TxD11 pin and P37/TxD10/RxD1 pin.
(2) When write in the PD3 register (00E716 address), set bit 7 to "0".
(3) Do not access the related serial interface 1 register.
(4) Do not use from OC00016 address to OC7FF16 address because the on-chip debugger uses these
addresses.
(5) Do not set the address match interrupt (the registers of AIER, RMAD0, RMAD1 and the fixed
vector tables) in a user system.
(6) Do not use the BRK instruction in a user system.
(7) Do not set the b5 to “0” by a user program since the on-chip debugger uses after setting the b5 in
the FMR0 register to “1”
(8) The stack pointer with up to 8 bytes is used during the user program break. Therefore, save space
of 8 bytes for the stack area.
Connecting and using the on-chip debugger has some peculiar restrictions. Refer to each on-chip
debugger manual for on-chip debugger details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com