Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 190Page - Renesas Technology Corp R8C/12 Datasheet HTML 191Page - Renesas Technology Corp R8C/12 Datasheet HTML 192Page - Renesas Technology Corp R8C/12 Datasheet HTML 193Page - Renesas Technology Corp R8C/12 Datasheet HTML 194Page - Renesas Technology Corp R8C/12 Datasheet HTML 195Page - Renesas Technology Corp R8C/12 Datasheet HTML 196Page - Renesas Technology Corp R8C/12 Datasheet HTML 197Page - Renesas Technology Corp R8C/12 Datasheet HTML 198Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 194 / 198 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/12 Group Hardware Manual
C-3
1.10 Apr.27.2005
142
Table 17.3 partly added
147
Figure 17.5 added
150
•Program partly revised
152
Figure 17.11 partly added
158
Figure 17.13 package name revised
160
18.1 partly revised
165
19.3.2 added
166
19.4.4 partly revised
168
19.6 partly revised
169
19.7.1 partly added
173
20 partly revised
174
Package Dimensions revised
1.20 Jan.27.2006
2
Table 1.1 Performance outline revised
3
Figure 1.1 Block diagram partly revised
4
1.4 Product Information, title of Table 1.2
“Product List”
→ “Product Informaton” revised
ROM capacity; “Program area”
→ “Program ROM”,
“Data area”
→ “Data flash” revised
Figure 1.2 Type No., Memory Size, and Package partly revised
6
Table 1.3 Pin description revised
7-8
2 Central Processing Unit (CPU) revised
Figure 2.1 CPU register revised
9
3 Memory, Figure 3.1 Memory Map;
“Program area”
→ “Program ROM”, “Data area” → “Data flash” revised
10
Table 4.1 SFR Information(1) NOTES:1 revised
11
Table 4.2 SFR Information(2) NOTES:1 revised
12
Table 4.3 SFR Information(3);
008116: “Prescaler Y”
→ “Prescaler Y Register”
008216: “Timer Y Secondary”
→ “Timer Y Secondary Register”
008316: “Timer Y Primary”
→ “Timer Y Primary Register”
008516: “Prescaler Z”
→ “Prescaler Z Register”
008616: “Timer Z Secondary”
→ “Timer Z Secondary Register”
008716: “Timer Z Primary”
→ “Timer Z Primary Register”
008C16: “Prescaler X”
→ “Prescaler X Register” revised
NOTES:1 revised
13
Table 4.4 SFR Information(4) NOTES:1 revised
15
Figure 5.2 Reset Sequence; “72cycles”
→ “64cycles” revised
17
6 Clock Generation Circuit;
“(oscillation stop detect function)”
→ “(oscillation stop detection function)” revised
Table 6.1 Clock Generation Circuit Specifications NOTES: 2 deleted
20
Figure 6.3 OCD Register NOTES: 3 partly deleted
22
6.2 On-Chip Oscillator Clock;
“The application products ... to accommodate the frequency range.”
→
“The application products ... for the frequency change.” revised
24
Table 6.2 Setting Clock Related Bit and Modes CM13 added
28
6.5.1 How to Use Oscillation Stop Detection Function:
“This function cannot ... is below 2 MHz.” added
32
Table 9.1 Bus Cycles for Access Space, Table 9.2 Access Unit and Bus Operation;
“SFR”
→ “SFR, Data flash”,
ROM/RAM”
→ “Program ROM/RAM” revised
37
Table 10.2 Relocatable Vector Tables; “A/D”
→ “A/D Conversion” revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com