| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 195 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 195 Page - Renesas Technology Corp |
|
195 / 198 page ![]() REVISION HISTORY Rev. Date Description Page Summary R8C/12 Group Hardware Manual C-4 1.20 Jan.27.2006 45 Figure 10.9 Interrupts Priority Select Circuit NOTES: 1 deleted 56 Figure 12.1 Timer X Block Diagram; “Peripheral data bus” → “Data bus” revised 73 Figure 12.18 Timer Z Block Diagram; “Peripheral data bus” → “Data bus” revised 91 Figure 13.3 U0TB to U1TB Registers, U0RB and U1RB Registers, and U0BRG and U1BRG Registers; UARTi transmit buffer register (i=0, 1) revised UARTi bit rate register (i=0, 1); NOTES: 3 added 92 Figure 13.4 U0MR to U1MR Registers and U0C0 and U1C0 Registers; UARTi transmit/receive control register 0 (i=0, 1); NOTES: 1 added 93 Figure 13.5 U0C1 and U1C1 Registers and UCON Register; UART transmit/receive control register 2; NOTES: 2 added 100 Table 13.5 Registers to Be Used and Settings in UART Mode; UiBRG: “–” → “0 to 7” revised 105 Figure 14.1 A/D Converter Block Diagram “Vref” → “Vcom” revised 114 14.7 Output Impedance of Sensor under A/D Conversion added 117 Figure 15.1 Programmable I/O Ports (1); NOTES: 1 added 118 Figure 15.2 Programmable I/O Ports (2); NOTES: 1 added 119 Figure 15.3 Programmable I/O Ports (3); NOTES: 1 added 120 Figure 15.4 Programmable I/O Ports (4); NOTES: 3 added 128 _______ Table 15.20 Port P33/INT3/TCIN Setting; Bit: “PD3_1” → “PD3_3” ______ Table 15.22 Port P45/INT0 Setting; Bit: “PD3_3” → “PD4_5” Table 15.23 Port XIN/P46, XOUT/P47 Setting; Setting value: External input to XIN pin, “H” output from XOUT pin; CM1: “1” → “0”, CM0: “0” → “1”, Feedback resistance: “OFF” → “ON” 130 Table 16.2 Recommended Operating Conditions; NOTES: 1, 2, 3 revised 131 Table 16.3 A/D Conversion Characteristics; “A/D operation clock frequency” → “A/D operating clock frequency” revised NOTES: 1, 2, 3, 4 revised 132 Table 16.4 Flash Memory (Program ROM) Electrical Characteristics; “Data retention duration” → “Data hold time” revised “Topr” → “Ambient temperature” NOTES: 1 to 7 added Measuring condition of byte program time and block erase time deleted 133 Table 16.5 Flash Memory (Data flash Block A, Block B) Electrical characteristics “Data retention duration” → “Data hold time” revised “Topr” → “Ambient temperature” NOTES: 1, 3 revised, NOTES: 9 added Measuring condition of byte program time and block erase time deleted 134 Table 16.7 Electrical Characteristics (1) [VCC=5V]; “P10 to P17 Except XOUT” → “Except P10 to P17, XOUT” revised Table 16.8 Electrical Characteristics (2) [VCC=5V] NOTES: 1, 2 revised Measuring condition Stop mode: “Topr= 25°C” added 137 Table 16.14 Electrical Characteristics (3) [VCC=3V] “P10 to P17 Except XOUT” → “Except P10 to P17, XOUT” revised 138 Table 16.15 Electrical Characteristics (4) [VCC=3V] NOTES: 1, 2 revised Measuring condition Stop mode: “Topr= 25°C” added 142 17.2 Memory Map; “The user ROM ... Block B, in...area which ...” → “The user ROM ... Block B (data flash), in...area (program ROM) which ...” revised |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |